Electronic Components Datasheet Search
  English  ▼

X  

MS09404 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MS09404
Description  5V OCXO HCMOS Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MS09404 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MS09404 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
01 May 1998
5.0MHz
HCD351/DPFL
±1x10-9
±2x10-8 -20+70°C
MA05181
5.0MHz
HCD351/ERFL
±5x10-10
±1x10-8 -20+70°C
MA05182
10.0MHz
HCD351/DPFL
±1x10-9
±2x10-8 -20+70°C
MS09403
10.0MHz
HCD351/ERFL
±5x10-10
±1x10-8 -20+70°C
MS09404
13.0MHz
HCD351/DPFL
±1x10-9
±2x10-8 -20+70°C
MS08787
13.0MHz
HCD351/ERFL
±5x10-10
±1x10-8 -20+70°C
MS08788
Freq
Specification
Ageing
Temperature
Part No
per day
stability
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Nov 2003
5V OCXO HCMOS Output
HCD351
36.10 (max)
19.40
(max)
8.90
27.20 (max)
1
2
34
5
0.80Ø
5.00
PIN
1
2
3
4
5
CONNECTION
Freq adjustment
Ref voltage out
Supply
RF output
Ground & case
BOTTOM VIEW
8.90
25.40
0.50
17.80
15.00
Features
Temperature stability down to 20ppb
Single 5V oven & oscillator supply
Standard European IEC CO-08 pin-out
Custom options available
Part No, or product name + option codes + frequency
eg: HCD351/ERFL 10.0MHz
HCD351/DPFL 5.0MHz
Option code X (eg HCD351/X) denotes a custom specification.
Ordering Information
Specifications
Option
Codes
HCD351
Product
Parameters
Standard. Optional - Please specify required code(s) when ordering
Frequency range:
5.0 ~ 20.0MHz
Ageing per day (at despatch):
< ±1x10-9

D
< ±5x10-10

E
< ±2x10-10

F
Frequency stability:
< ±5x10-8 per year

< ±1x10-9 per 10% change in V
DD
Short term stability:
< ±1x10-11 over 1 sec

Temperature stability:
< ±2x10-8

P
< ±1x10-8

R
< ±5x10-9

S
Operating temperature range:
0 to +50°C

A
-10 to +60°C

C
-20 to +70°C

F
Storage temperature range:
-40 to +90°C
Output waveform:
HCMOS / TTL compatible
Frequency adjustment:
±5x10-7 (typ) over +0.5 to +4.0V
(sufficient for 10 years ageing min)
Stabilised +4.0V supply provided
Supply voltage (V
DD):
+5.0V (±0.5V)

L
Power consumption:
5.0W max at switch on
1.2W typ when stabilised at 25°C
Warm up:
< ±2x10-8 after 8mins at +20°C
Phase noise (@ 10.0MHz):
< -120 dBc/Hz @ 10Hz
< -130 dBc/Hz @ 100Hz
< -150 dBc/Hz @ 1kHz
< -155 dBc/Hz @ 10kHz
< -155 dBc/Hz @ 50kHz
Harmonics:
< -30dB wrt carrier
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G
Standard Models
The table shows the most common models. In most cases
selecting one of these models will ensure the best combination
of price / performance and availability.
2011/65/EU


Similar Part No. - MS09404

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
MS09-S STANDEX-MS09-S Datasheet
170Kb / 1P
MS09-S SERIES MAGNETIC FLOAT
Rev.01 04.09.2012
logo
Golledge Electronics Lt...
MS09525 GOLLEDGE-MS09525 Datasheet
127Kb / 1P
5V OCXO Low profile
More results

Similar Description - MS09404

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD331 GOLLEDGE-HCD331 Datasheet
60Kb / 1P
5V OCXO HCMOS Low Profile
HCD351 GOLLEDGE-HCD351 Datasheet
61Kb / 1P
5V OCXO HCMOS Output
HCD361 GOLLEDGE-HCD361 Datasheet
61Kb / 1P
OCXO HCMOS Output
MCOCXOV GOLLEDGE-MCOCXOV Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
HCD180 GOLLEDGE-HCD180 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
HCD190 GOLLEDGE-HCD190 Datasheet
64Kb / 1P
OCXO HCMOS OUTPUT
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
5V OCXO HCMOS OUTPUT STRATUM 3E
SCOCXOVT GOLLEDGE-SCOCXOVT Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
logo
Connor-Winfield Corpora...
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
logo
Golledge Electronics Lt...
HCD361 GOLLEDGE-HCD361_15 Datasheet
135Kb / 1P
OCXO HCMOS Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com