Electronic Components Datasheet Search
  English  ▼

X  

SP3222EBCP Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3222EBCP
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EBCP Datasheet(HTML) 1 Page - Sipex Corporation

  SP3222EBCP Datasheet HTML 1Page - Sipex Corporation SP3222EBCP Datasheet HTML 2Page - Sipex Corporation SP3222EBCP Datasheet HTML 3Page - Sipex Corporation SP3222EBCP Datasheet HTML 4Page - Sipex Corporation SP3222EBCP Datasheet HTML 5Page - Sipex Corporation SP3222EBCP Datasheet HTML 6Page - Sipex Corporation SP3222EBCP Datasheet HTML 7Page - Sipex Corporation SP3222EBCP Datasheet HTML 8Page - Sipex Corporation SP3222EBCP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Date: 02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
True +3.0V to +5.5V RS-232 Transceivers
SP3222EB/3232EB
DESCRIPTION
FEATURES
■ Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
■ 250kbps Transmission Rate Under Load
■ 1µA Low-Power Shutdown with Receivers
Active (SP3222EB)
■ Interoperable with RS-232 down to +2.7V
power source
■ Enhanced ESD Specifications:
±15kV Human Body Model
±15kV IEC1000-4-2 Air Discharge
±8kV IEC1000-4-2 Contact Discharge
SELECTION TABLE
®
L
E
D
O
Ms
e
i
l
p
p
u
S
r
e
w
o
P
2
3
2
-
S
R
s
r
e
v
i
r
D
2
3
2
-
S
R
s
r
e
v
i
e
c
e
R
l
a
n
r
e
t
x
E
s
t
n
e
n
o
p
m
o
C
n
w
o
d
t
u
h
S
L
T
T
e
t
a
t
S
-
3
f
o
.
o
N
s
n
i
P
B
E
2
2
2
3
P
S
V
5
.
5
+
o
t
V
0
.
3
+2
2
4
s
e
Ys
e
Y0
2
,
8
1
B
E
2
3
2
3
P
S
V
5
.
5
+
o
t
V
0
.
3
+2
2
4
o
No
N6
1
The SP3222EB/3232EB series is an RS-232 transceiver solution intended for portable or
hand-held applications such as notebook or palmtop computers. The SP3222EB/3232EB
series has a high-efficiency, charge-pump power supply that requires only 0.1µF capacitors
in 3.3V operation. This charge pump allows the SP3222EB/3232EB series to deliver true RS-
232 performance from a single power supply ranging from +3.0V to +5.5V. The SP3222EB/
3232EB are 2-driver/2-receiver devices. This series is ideal for portable or hand-held
applications such as notebook or palmtop computers. The ESD tolerance of the SP3222EB/
3232EB devices are over ±15kV for both Human Body Model and IEC1000-4-2 Air discharge
test methods. The SP3222EB device has a low-power shutdown mode where the devices'
driver outputs and charge pumps are disabled. During shutdown, the supply current falls to
less than 1µA.
V-
1
2
3
4
13
14
15
16
5
6
7
12
11
10
C1+
V+
C1-
C2+
C2-
R1IN
R2IN
GND
VCC
T1OUT
T2IN
8
9
SP3232EB
T1IN
R1OUT
R2OUT
T2OUT
Now Available in Lead Free Packaging


Similar Part No. - SP3222EBCP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EBCA SIPEX-SP3222EBCA Datasheet
681Kb / 25P
CorporationTrue 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EBCA-L EXAR-SP3222EBCA-L Datasheet
977Kb / 22P
True 3.0V to 5.5V RS-232 Transceivers
SP3222EBCA-L EXAR-SP3222EBCA-L Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3222EBCA-LTR EXAR-SP3222EBCA-LTR Datasheet
977Kb / 22P
True 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3222EBCA/TR SIPEX-SP3222EBCA/TR Datasheet
681Kb / 25P
CorporationTrue 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3222EBCP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com