Electronic Components Datasheet Search
  English  ▼

X  

CSD13383F4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13383F4
Description  N-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13383F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD13383F4 Datasheet HTML 1Page - Texas Instruments CSD13383F4 Datasheet HTML 2Page - Texas Instruments CSD13383F4 Datasheet HTML 3Page - Texas Instruments CSD13383F4 Datasheet HTML 4Page - Texas Instruments CSD13383F4 Datasheet HTML 5Page - Texas Instruments CSD13383F4 Datasheet HTML 6Page - Texas Instruments CSD13383F4 Datasheet HTML 7Page - Texas Instruments CSD13383F4 Datasheet HTML 8Page - Texas Instruments CSD13383F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
D
G
S
0.35
mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD13383F4
SLPS517A – DECEMBER 2014 – REVISED JANUARY 2016
CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
1
1 Features
1
•
Low On-Resistance
•
Ultra Low Qg and Qgd
•
Ultra-Small Footprint (0402 Case Size)
–
1.0 mm × 0.6 mm
•
Low Profile
–
0.35 mm Height
•
Integrated ESD Protection Diode
–
Rated >2 kV HBM
–
Rated >2 kV CDM
•
Lead and Halogen Free
•
RoHS Compliant
2 Applications
•
Optimized for Load Switch Applications
•
Optimized for General Purpose Switching
Applications
•
Single-Cell Battery Applications
•
Handheld and Mobile Applications
3 Description
This 37 m
Ω, 12 V N-channel FemtoFET™ MOSFET
technology is designed and optimized to minimize the
footprint in many handheld and mobile applications.
This technology is capable of replacing standard
small signal MOSFETs while providing at least a 60%
reduction in footprint size.
.
.
Typical Part Dimensions
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
12
V
Qg
Gate Charge Total (4.5 V)
2.0
nC
Qgd
Gate Charge Gate-to-Drain
0.6
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 2.5 V
53
m
Ω
VGS = 4.5 V
37
VGS(th)
Threshold Voltage
1.0
V
.
Ordering Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD13383F4
3000
7-Inch
Reel
Femto (0402) 1.0 mm ×
0.6 mm SMD Lead Less
Tape and
Reel
CSD13383F4T
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
12
V
VGS
Gate-to-Source Voltage
±10
V
ID
Continuous Drain Current(1)
2.9
A
IDM
Pulsed Drain Current(1)(2)
27
A
IG
Continuous Gate Clamp Current
25
mA
Pulsed Gate Clamp Current(1)(2)
250
PD
Power Dissipation
500
mW
ESD
Rating
Human Body Model (HBM)
2
kV
Charged Device Model (CDM)
2
kV
TJ,
Tstg
Operating Junction Temperature
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, single pulse ID = 6.7,
L = 0.1 mH, RG = 25 Ω
2.2
mJ
(1) Typical RθJA = 250°C/W.
(2) Pulse duration
≤100 μs, duty cycle ≤1%.
Top View


Similar Part No. - CSD13383F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13383F4 TI2-CSD13383F4 Datasheet
935Kb / 13P
CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD13383F4.B TI2-CSD13383F4.B Datasheet
935Kb / 13P
CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD13383F4T TI2-CSD13383F4T Datasheet
935Kb / 13P
CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD13383F4T.B TI2-CSD13383F4T.B Datasheet
935Kb / 13P
CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results

Similar Description - CSD13383F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17382F4 TI1-CSD17382F4 Datasheet
591Kb / 13P
30V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD18541F5 TI1-CSD18541F5 Datasheet
1Mb / 14P
60V N-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
30-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com