Electronic Components Datasheet Search
  English  ▼

X  

CSD83325L Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD83325L
Description  12 V Dual N-Channel NexFET Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD83325L Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD83325L Datasheet HTML 5Page - Texas Instruments CSD83325L Datasheet HTML 6Page - Texas Instruments CSD83325L Datasheet HTML 7Page - Texas Instruments CSD83325L Datasheet HTML 8Page - Texas Instruments CSD83325L Datasheet HTML 9Page - Texas Instruments CSD83325L Datasheet HTML 10Page - Texas Instruments CSD83325L Datasheet HTML 11Page - Texas Instruments CSD83325L Datasheet HTML 12Page - Texas Instruments CSD83325L Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
(0.65) TYP
(0.65) TYP
6X (
0.3)
(R
) TYP
0.05
METAL
TYP
SYMM
SYMM
1
2
A
B
C
www.ti.com
6X ( 0.3)
A
(0.65) TYP
1
2
(0.65) TYP
B
SYMM
C
SYMM
CSD83325L
www.ti.com
SLPS494A – NOVEMBER 2014 – REVISED JANUARY 2016
7.2 Recommended PCB Pattern
7.3 Recommended Stencil Pattern
All dimensions are in millimeters
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD83325L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com