Electronic Components Datasheet Search
  English  ▼

X  

LM137 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM137
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM137 Datasheet(HTML) 5 Page - Texas Instruments

  LM137 Datasheet HTML 1Page - Texas Instruments LM137 Datasheet HTML 2Page - Texas Instruments LM137 Datasheet HTML 3Page - Texas Instruments LM137 Datasheet HTML 4Page - Texas Instruments LM137 Datasheet HTML 5Page - Texas Instruments LM137 Datasheet HTML 6Page - Texas Instruments LM137 Datasheet HTML 7Page - Texas Instruments LM137 Datasheet HTML 8Page - Texas Instruments LM137 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM137, LM337-N
www.ti.com
SNVS778E – MAY 1999 – REVISED JANUARY 2016
6.5 Electrical Characteristics
Unless otherwise specified, these specifications apply
−55°C ≤ Tj ≤ 150°C for the LM137, 0°C ≤ Tj ≤ 125°C for the LM337-N;
VIN − VOUT = 5 V; and IOUT = 0.1 A for the TO package and IOUT = 0.5 A for the SOT-223 and TO-220 packages. Although
power dissipation is internally limited, these specifications are applicable for power dissipations of 2 W for the TO and SOT-
223, and 20 W for the TO-220. IMAX is 1.5 A for the SOT-223 and TO-220 packages, and 0.2 A for the TO package.
LM137
LM337-N
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TJ = 25°C, 3 V ≤ |VIN − VOUT| ≤ 40 V
(1)
Line regulation
0.01
0.02
0.01
0.04
%/V
IL = 10 mA
Load regulation
TJ = 25°C, 10 mA ≤ IOUT ≤ IMAX
0.3%
0.5%
0.3%
1%
Thermal regulation
TJ = 25°C, 10-ms Pulse
0.002
0.02
0.003
0.04
%/W
Adjustment pin current
65
100
65
100
μA
10 mA
≤ IL ≤ IMAX
Adjustment pin current charge
3 V
≤ |VIN − VOUT| ≤ 40 V,
2
5
2
5
μA
TA = 25°C
TJ = 25°C
(2)
−1.225
−1.25
−1.275
−1.213
−1.25
−1.287
V
3 V
≤ |VIN − VOUT| ≤ 40 V,
(2)
Reference voltage
10 mA
≤ IOUT ≤ IMAX, P ≤ PMAX
−55°C ≤ TJ ≤ 150°C
−1.2
−1.25
−1.3
−1.2
−1.25
−1.3
V
Line regulation
3 V
≤ |VIN − VOUT| ≤ 40 V,
(1)
0.02
0.05
0.02
0.07
%/V
Load regulation
10 mA
≤ IOUT ≤ IMAX,
(1)
0.3%
1%
0.3%
1.5%
Temperature stability
TMIN ≤ Tj ≤ TMAX
0.6%
0.6%
|VIN − VOUT| ≤ 40 V
2.5
5
2.5
10
mA
Minimum load current
|VIN − VOUT| ≤ 10 V
1.2
3
1.5
6
mA
K, DCY and NDE
1.5
2.2
3.5
1.5
2.2
3.7
A
package
|VIN − VOUT| ≤ 15 V
NDT package
0.5
0.8
1.8
0.5
0.8
1.9
A
Current limit
K, DCY and NDE
0.24
0.4
0.15
0.4
A
package
|VIN − VOUT| = 40 V, TJ = 25°C
NDT package
0.15
0.17
0.1
0.17
A
RMS output noise, % of VOUT
Tj = 25°C, 10 Hz ≤ f ≤ 10 kHz
0.003%
0.003%
VOUT = −10 V, f = 120 Hz
60
60
dB
Ripple rejection ratio
CADJ = 10 μF
66
77
66
77
dB
Long-term stability
TJ = 125°C, 1000 Hours
0.3%
1%
0.3%
1%
(1)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation. Load regulation is measured on the output pin at a point
⅛ in.
below the base of the TO packages.
(2)
Selected devices with tightened tolerance reference voltage available.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com