Electronic Components Datasheet Search
  English  ▼

X  

PE2V013 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE2V013
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 5.18 GHz to 5.805 GHz, Phase Noise of -83 dBc/Hz and 0.175 inch Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2V013 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE2V013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2V013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2V013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2V013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2V013 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2V013 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE2V013 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE2V013 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
0
50
100
150
200
250
0
1
2
3
4
5
6
7
8
9
10
Tuning Voltage (V)
Tuning Sensitivity
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
Tuning Voltage (V)
Output Power vs Tuning Voltage
PE2V013 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 5.18 GHz to 5.805 GHz,
Phase Noise of -83 dBc/Hz and 0.175 inch Package PE2V013
Voltage Control Oscillators Technical Data Sheet
PE2V013
Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 5.18 GHz to 5.805 GHz, Phase Noise
of -83 dBc/Hz and 0.175 inch Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com