Electronic Components Datasheet Search
  English  ▼

X  

PE2V017 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE2V017
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 8.3 GHz to 9.1 GHz, Phase Noise of -73 dBc/Hz and 0.175 inch Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2V017 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE2V017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2V017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2V017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2V017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2V017 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2V017 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PE2V017 REV 1.0
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 8.3 GHz
to 9.1 GHz, Phase Noise of -73 dBc/Hz and 0.175 inch Package
PE2V017 CAD Drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com