Electronic Components Datasheet Search
  English  ▼

X  

MP06786 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP06786
Description  Real Time Clock, Ultra Low Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP06786 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP06786 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Features
High accuracy, ultra low power
Built-in crystal for adjustment-free operation
Time stamp event input function
I2C-Bus interface (up to 400kHz)
Programmable alarm, timer and interrupt
0.90
0.40
0.80
(max)
3.20
(typ)
1.50
(typ)
SOLDER PAD LAYOUT
TOP VIEW
0.50
0.50
0.90
0.80
8
1
4
5
PAD
1
2
3
4
CONNECTION
Serial data (SDA)
Frequency output (CLKOUT)
Supply voltage (VDD)
Clock output enable (CLKOE)
PAD
5
6
7
8
CONNECTION
Ground (VSS)
Interrupt output (INT)
Event input (EVI)
Serial clock input (SCL)
Option
Codes
RV8803C7
Product
Parameters
Order Golledge MPN: MP06786 or by product code: RV8803C7
Option code X (eg RV8803C7/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 1k or 3k pcs per reel. See our website for details
Evaluation / development board & manual available on request
The I2C-Bus is a trademark of Philips Electronics NV
Block Diagram
The RV8803C7 is an high accuracy, ultra low power Real-Time-Clock
module with embedded 32.768 kHz Crystal. High accuracy, high stability is
achieved by factory calibrated, temperature compensated DTCXO giving
time-accuracy of ± 3.0 ppm accross the temperature range from -40°C to
+85°C. Standard Clock & Calendar function tracks second, minute, hour in
24-hour format, year and leap-year flags. Beside standard RTC functions
like Timer & Alarm, it includes integrated Temperature Sensor, Time
Stamp Event Input and User RAM and offers I2C-bus (2-wire Interface).
RV-8803-C7 is the smallest sized and consumes the lowest current of all
temperature compensated RTC modules.
Manufactured by Micro Crystal
Stocked & supplied by Golledge
Description
2011/65/EU
Real Time Clock, Ultra Low Power
MP06786 / RV8803C7
Frequencies (selectable):
32.768kHz, 1024Hz, 1Hz
Frequency tolerance (1Hz):
±3ppm max, -40+85°C
Frequency tolerance (32.768kHz):
±10ppm typ, ±20ppm max, 25°C
Time accuracy:
±1.5ppm max (0.13s/day), 0+50°C
±3ppm max (0.26s/day), -40+85°C
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10%
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
1.5 ~ 5.5V
Supply current:
240/400nA typ/max, V
DD=3V
Ageing (25°C): ±3ppm max first year
Shock and vibration resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max
02 Apr 2015


Similar Part No. - MP06786

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP06782 GOLLEDGE-MP06782 Datasheet
263Kb / 6P
SAW Filter 1583.0MHz
More results

Similar Description - MP06786

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372_11 Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372 ACE-ACE5372_14 Datasheet
813Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.4
logo
Golledge Electronics Lt...
RV2123C2 GOLLEDGE-RV2123C2 Datasheet
132Kb / 1P
Real Time Clock - Low Power
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
RV2123C2 GOLLEDGE-RV2123C2_16 Datasheet
124Kb / 1P
Real Time Clock - Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-4162 MICROCRYSTAL-RV-4162 Datasheet
1Mb / 39P
Ultra Small Real Time Clock
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
Ultra-Low-Power Real Time Clock
logo
Analog Devices
MAX31331 AD-MAX31331 Datasheet
1Mb / 49P
Ultra-Low-Power, I2C Real-Time Clock and Power Management
19-101203; Rev 1; 4/22
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com