Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 29 Page - Sipex Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504 Datasheet(HTML) 29 Page - Sipex Corporation

Back Button SP504 Datasheet HTML 23Page - Sipex Corporation SP504 Datasheet HTML 24Page - Sipex Corporation SP504 Datasheet HTML 25Page - Sipex Corporation SP504 Datasheet HTML 26Page - Sipex Corporation SP504 Datasheet HTML 27Page - Sipex Corporation SP504 Datasheet HTML 28Page - Sipex Corporation SP504 Datasheet HTML 29Page - Sipex Corporation SP504 Datasheet HTML 30Page - Sipex Corporation SP504 Datasheet HTML 31Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29
Rev: A Date:1/27/04
SP504 Multi–Mode Serial Transceivers
© Copyright 2004 Sipex Corporation
Figure 29. Adding extra differential and single-ended transceivers using the SP332
22µF22µF
22µF
25
27
26
30
28
31
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22µF
61
59
+5V
SP504CF
Drivers
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxC
15
42
44
ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
RI
21
76
77
SCT
79
Receivers
TDEC3—TDEC0 (pins 9-12)
+5V
5
VCC
10µF
SP332
28
8
21
4
3
18
17
9
12
11
13
10
14
V+
V-
C1+
C1-
C2+
C2-
0.1µF
0.1µF
0.1µF
0.1µF
SEL A
SEL B
24
2
see pinout diagram for various ground pins
10µF
6
7
26
27
15
16
19
20
T1
T2
T3
R1
R2
R3
0
1
LOOPBACK
1
23
4
22
12
30
7
25
17
35
6
24
8
26
9
27
11
29
13
31
15
5
23
DB-37 Connector
34
16
RDEC3—RDEC0 (pins 5-2)
"1100" for RS-449 mode
10
14
18
LL
RL
TM
Note: The SP332 will require clamping di-
odes on the driver outputs to limit the volt-
age to
±6V and comply with the RS-423
driver output specification of V
OC = ±4V to
±6V and V
OUT ≥ ±3.6V with a 450Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com