Electronic Components Datasheet Search
  English  ▼

X  

M02013 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02013
Description  3.2 Gbps Transimpedance Amplifier with AGC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02013 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
w
ww
ww
w..m
miinnddssppeeeedd..ccoom
m//ssaalleessooffffiicceess
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
02013-BRF-001-A
© 2005 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed
logo are trademarks of Mindspeed Technologies. All other trademarks are the prop-
erty of their respective owners. Although Mindspeed Technologies strives for accu-
racy in all its publications, this material may contain errors or omissions and is subject
to change without notice. This material is provided as is and without any express or
implied warranties, including merchantability, fitness for a particular purpose and
non-infringement. Mindspeed Technologies shall not be liable for any special, indirect,
incidental or consequential damages as a result of its use.
A
Apppplliiccaattiioonnss
• ATM/SDH/SONET
• OC-48 with FEC
• L4 Modules
• 2x Fiber Channel
O
Orrddeerriinngg IInnffoorrm
maattiioonn
• M02013-A3: wafle pack (WP)
• M02013-QSPBG: quarter wafer
P
Prroodduucctt H
Hiigghhlliigghhttss
Another feature of the AGC is that it only operates on
signals greater than –17.5 dBm (@ 0.9 A/W). This knee in the
gain response is important when setting “signal detect”
functions in the following post amplifier. It also aids in active
photodiode alignment.
The AGC pad allows the AGC to be disabled during photo-
diode alignment by grounding the pad through a low imped-
ance. The AGC control voltage can be monitored during
normal operation at this pad by a high impedance (>10 MW )
circuit.
O
Ouuttppuutt S
Sttaaggee
The signal from the TIA enters a phase splitter followed by a
DC-shift stage and a pair of voltage follower outputs. These
are designed to drive a differential (100W ) load. They are
stable for driving capacitive loads, such as interstage filters.
Each output has its own GND pad, all four GND pads on the
chip should be connected for proper operation. Since the
M02013 exhibits rapid roll-off (3 pole), simple external
filtering is sufficient.
M
Moonniittoorr O
O//P
P
High impedance O/P sinks replicate average photodiode
current for monitoring purposes.
DOUT
DOUT
MON
AGC
PINK
PINA
DC Shift
Phase
Splitter
1 V
DC
Restore
2.6 V
Vcc
Rm
Monitor output
DOUTB
DOUT
PINA
PINK
1 nf
470 pf
M02013 Block Diagram
Recommended Circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com