Electronic Components Datasheet Search
  English  ▼

X  

DA24CP Datasheet(PDF) 4 Page - Protek Devices

Part # DA24CP
Description  HIGH POWERED MULTI-LINE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA24CP Datasheet(HTML) 4 Page - Protek Devices

  DA24CP Datasheet HTML 1Page - Protek Devices DA24CP Datasheet HTML 2Page - Protek Devices DA24CP Datasheet HTML 3Page - Protek Devices DA24CP Datasheet HTML 4Page - Protek Devices DA24CP Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05001.R12 9/12
Page 4
DA05N - DA24CP
16 PIN DIP PACKAGE INFORMATION
ORDERING INFORMATION
BASE PART NUMBER
(xx = Voltage)
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
DAxxN
-LF
n/a
n/a
n/a
25
DAxxP
-LF
n/a
n/a
n/a
25
DAxxCN
-LF
n/a
n/a
n/a
25
DAxxCP
-LF
n/a
n/a
n/a
25
NOTES
1. Marking on Part - logo, part number, date code and pin one defined by dot on top of package.
2. This series is only available in a lead-free configuration.
Package outline per document number 06003.R3 10/11.
OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
18.80
19.55
0.740
0.770
B
6.35
6.85
0.250
0.270
C
7.50
7.74
0.295
0.305
D
0.21
0.38
0.008
0.015
E
0°
10°
0°
10°
F
0.51
1.01
0.020
0.040
G
3.69
4.44
0.145
0.175
H
2.80
3.30
0.110
0.130
I
1.02
1.77
0.040
0.070
J
0.76
1.52
0.030
0.060
K
0.39
0.53
0.015
0.021
L
2.54
2.54
0.100
0.100
NOTES
1. Dimensions are exclusive of mold flash and metal burrs.
2. Dimension “L” is between centers.
A
Orientation Dot
(Pin #1)
B
C
D
16 Places
E
H
L
J
12 Places
K
16 Places
I
12 Places
F
G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com