Electronic Components Datasheet Search
  English  ▼

X  

SP507EB Datasheet(PDF) 25 Page - Sipex Corporation

Part # SP507EB
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507EB Datasheet(HTML) 25 Page - Sipex Corporation

Back Button SP507EB Datasheet HTML 21Page - Sipex Corporation SP507EB Datasheet HTML 22Page - Sipex Corporation SP507EB Datasheet HTML 23Page - Sipex Corporation SP507EB Datasheet HTML 24Page - Sipex Corporation SP507EB Datasheet HTML 25Page - Sipex Corporation SP507EB Datasheet HTML 26Page - Sipex Corporation SP507EB Datasheet HTML 27Page - Sipex Corporation SP507EB Datasheet HTML 28Page - Sipex Corporation SP507EB Datasheet HTML 29Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
Paragraph 6.3.2 – V.11 Circuits
6.3.2.1 Generator open circuit output voltage
The magnitude of the driver's outputs for:
a) between point A and point B
b) either point A or point B to point C
shall be less than or equal to 12.0V for either
binary state when terminated with a 3.9k
Ω
resistor between points A and points B.
6.3.2.3 Generator output rise/fall time
The driver outputs' transition from one binary
point to another shall be less than or equal to 0.3
of the nominal bit duration (t
b). This is measured
between 10% and 90% of its steady state value
and with a "Y" resistor configuration. The resistor
network contains two 50
Ω resistors in series
with a center-tap 50
Ω resistor between the two
series resistors to ground.
6.3.2.4 Generator polarities
The driver's point A output shall be:
a) greater than point B (V
A–VB > 0V) when the
signal condition 0 is transmitted for data circuits,
or ON for control circuits; and
b) less than point B (V
A–VB < 0V) when the
signal condition 1 is transmitted for data circuits,
or OFF for control circuits.
Figure 42. V.11 Driver Open Circuit Voltage
6.3.2.2 Generator terminated output voltage
The magnitude of the driver's outputs for:
a) between point A and point B
b) either point A or point B to point C
shall be greater than or equal to 2.0V for either
binary state when terminated with two 50
Ω
resistors connected in series between point A
and point B.
The center point of the two 50
Ω resistors shall
measure less than or equal to 3.0V with respect
to point C.
Figure 43. V.11 Driver Output Terminated Voltage
Figure 44. V.11 Transition Time
Paragraph 6.3.3 – V.28 Circuits
6.3.3.1 Generator open circuit output voltage
The single-ended generator or driver's output
(point A), for either binary state, shall be less
than or equal to 25.0V with respect to ground
(point C).
6.3.1.2 Generator terminated output voltage
The driver output's magnitude, for either binary
state, shall be greater than or equal to 3.0V when
terminated with a 3k
Ω resistor to ground.
6.3.1.3 Generator output rise/fall time
The driver output's transition from one binary
point to another shall be less than or equal to 3%
or 1.0ms, whichever is greater, of the nominal
bit duration (t
b). This is measured between +3V
and -3V of the transition and with 3k
Ω resistor
// 2500pF loads to ground.
A
B
V
OC
3.9k
Ω
V
OCA
V
OCB
C
A
B
V
T
50
Ω
V
OS
C
50
Ω
A
B
50
Ω
C
50
Ω
50
Ω
Oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com