Electronic Components Datasheet Search
  English  ▼

X  

SP507EK Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP507EK
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507EK Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP507EK Datasheet HTML 12Page - Sipex Corporation SP507EK Datasheet HTML 13Page - Sipex Corporation SP507EK Datasheet HTML 14Page - Sipex Corporation SP507EK Datasheet HTML 15Page - Sipex Corporation SP507EK Datasheet HTML 16Page - Sipex Corporation SP507EK Datasheet HTML 17Page - Sipex Corporation SP507EK Datasheet HTML 18Page - Sipex Corporation SP507EK Datasheet HTML 19Page - Sipex Corporation SP507EK Datasheet HTML 20Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
ESD Protection and EMI Filtering
It is now a requirement for networking equipment,
in order to receive the European "CE" mark, to
withstand a certain amount of environmental
hazards. Among these are ESD and EMI immunity as
well as EMI emissions, which is the equipment's
own generation of electromagnetic interference.
Electrostatic discharge and overvoltage transients
are important to suppress in any system. The
specification generally used for ESD immunity is
EN61000-4-2 (formerly IEC1000-4-2), which
specifies Air Discharge and Contact Discharge
Methods. For "CE" approval, the acceptance level
is generally "Level 2" per the IEC1000-4-2
specification, which is 4kV Air Discharge and 4kV
Contact Discharge. While the SP505, SP506, and
SP507 has reasonable handling withstand voltages
built in the I/O structures of the device, external
protection is always a good idea.
One method of protection is incorporating
TransZorbs™ or transient voltage suppression ICs,
which are back-to-back Zener diodes connected on
the line to ground. There are a variety of manufacturers
such as Motorola, Siemens, Semtech, Protek Devices,
and more. The key specifications are:
1)
Reverse Standoff Voltage - normal circuit operating
voltage. For RS-232, the maximum V
RWM = 15V.
2)
Peak Pulse or Transient Current - expected transient
current. (I
PP)
3)
Reverse Breakdown Voltage - device begins to
avalanche and becomes a low impedance path to
ground for the transient. (V
BR)
4)
Maximum Junction Capacitance - loading capacitance
of the diode structure. More capacitance will affect the
total AC performance. (C
J)
A variety of transzorbs were tested and all perform
well in the presence of ESD transients. For faster data
rates such as V.11 and V.35 signals, low capacitance
is important since an additional 50pF load could add
5ns to the transition time and affect the overall
transmission rate. The Semtech LCDA15C-6 and
Protek Devices SM16LC15C are especially designed
for data communications because of the multichannel
line support and the low junction capacitance.
Figure 29 illustrates a TVS configuration using the
Semtech LCDA15C-6 connected to the clock and
data signals of the SP505, SP506 and SP507.
The LCDAC-6 was chosen due to its low junction
capacitance of 20pF, which are important for high
speed clock and data lines. Protek's SM16LC15C can
also be used as the junction capacitance is 25pF.
However, the two TVS devices are not pin compatible.
Protek's SM16LC15C contains protection for eight
lines and has a straight-through pinout. One side of
the SM16LC15C is grounded. The LCDAC-6 uses a
8-pin SOIC package as opposed to the 16-pin
package with the SM16LC15C. Since two ICs are
needed anyway for clock and data, the smaller
package is usually preferred. Refer to each of the
manufacturer's datasheet for details. Figure 30
illustrates a TVS configuration to the handshaking
signals. As these signals are for control and indication,
they do not usually switch at high speed. The junction
capacitance for these devices are less critical.
Figure 28. I-V Curve of a TVS diode
Lower V
RWM values can be selected instead of 15V.
If the configuration is straightforward, using 5V to
8V V
RWM values is fine for the driver outputs and
receiver inputs. Using 5V V
RWM on the driver is fine
since the clamping occurs at the reverse breakdown
voltage(V
BR), which is 6V for most 5V transzorbs.
However, during compliancy testing, the V.28
receiver may be subjected to 15V in order to test the
input impedance. Applying a voltage exceeding the
V
RWM rating will affect the input current measurement
and thus fail the impedance test.
TransZorb is a trademark of General Semiconductor Industries.
Vrwm
Vrwm
Ir
Ir
Vbr
Vbr
It
It
Vc
Vc
Ipp
Ipp
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com