Electronic Components Datasheet Search
  English  ▼

X  

SP6122ACU Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6122ACU
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122ACU Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6122ACU Datasheet HTML 3Page - Sipex Corporation SP6122ACU Datasheet HTML 4Page - Sipex Corporation SP6122ACU Datasheet HTML 5Page - Sipex Corporation SP6122ACU Datasheet HTML 6Page - Sipex Corporation SP6122ACU Datasheet HTML 7Page - Sipex Corporation SP6122ACU Datasheet HTML 8Page - Sipex Corporation SP6122ACU Datasheet HTML 9Page - Sipex Corporation SP6122ACU Datasheet HTML 10Page - Sipex Corporation SP6122ACU Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
Power On Reset (POR): continued
internal 1.25V is greater than the 1 V thresh-
old. Note this is a “loose” threshold and should
not be used to guarantee under voltage lock
out with respect to VCC. Care should be take
to ensure that VCC does not “get stuck” on the
way to its regulated value.
Soft Start
Soft start is required on step-down control-
lers to prevent excess inrush current through
the power train during start-up. On the
SP6122, this is managed through turning
the PFET switch on with a fixed frequency
clock and then turning the switch off when
divided down version of the output voltage
exceeds the internal SS voltage ramp. The
internal SS voltage ramp rises with a 0.5 V/
ms slew rate and the internal feedback
voltage follows this rate of change. The
presence of the output capacitor creates
extra current draw during startup. Since
dVOUT/dt creates an average sustained cur-
rent in the output capacitor, this current
must be considered while calculating peak
inrush current and over current thresholds.
An expression to determine the excess in-
rush current due to the dVOUT/dt of the
output capacitor is:
ICOUT = COUT*0.5 V/ms *
VOUT ,
VR
where VR is the internal reference voltage.
Lock Up & Hiccup Modes
As previously stated, if the SP6122 detects
an over current condition and initiates a
fault, the power supply remains “locked up”.
That is, the FFLAG pin immediately pulls
low (if loaded) and the PFET switch turns
off. This condition is permanent unless the
either the VCC or ENABLE is cycled. How-
ever if FFLAG is tied to ENABLE, the SP6122
will restart without assistance (Hiccup
Mode). Furthermore, the restart time can be
controlled by the addition of a small capaci-
tor on the ENABLE pin to ground. The
restart time is equal to the amount of time it
takes for the 5µA ENABLE pin current to
charge the external capacitor to an NFET
threshold (roughly 1V). The waveforms that
describe the Hiccup Mode operation are
shown below.
TIME
SWN
Voltage
V(VIN)
0V
Inductor
Current
ILOAD
0A
Comparator
Reference
Voltage
1.25V
0V
0V
0.25V
SS
Voltage
dVSS/dt = 0.5Vms
VISET - VISENSE
0V
1.0V
V(VCC)
0V
0V
0V
FFLAG
Voltage
ENABLE
Voltage
150mV
TIME
dVENABLE/dt = 4µA/CENABLE
PDRV
Voltage
V(VCC)
V(VCC)
THEORY OF OPERATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com