Electronic Components Datasheet Search
  English  ▼

X  

TFS456AF Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS456AF
Description  VI TELEFILTER Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS456AF Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS456AF Datasheet HTML 1Page - Vectron International, Inc TFS456AF Datasheet HTML 2Page - Vectron International, Inc TFS456AF Datasheet HTML 3Page - Vectron International, Inc TFS456AF Datasheet HTML 4Page - Vectron International, Inc TFS456AF Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 456af.doc
Version 1.2
24.08.2007
VI TELEFILTER
Filter specification
TFS 456AF
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
306
336
366
396
426
456
486
516
546
576
606
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
frequency in MHz
451
452
453
454
455
456
457
458
459
460
461
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
451
452
453
454
455
456
457
458
459
460
461
0.43
0.61
0.79
0.97
1.15
1.33
1.51
1.69
1.87
2.05
2.23
frequency in MHz
Construction and pin connection
(All dimensions in mm)
1
7,0 +/-0,2
2,54
0,6
1
1
3
7
9
4
6
12
10
Date code
Date code: Year + week
V
2007
W
2008
X
2009
...
1
Ground
2
Ground
3
Ground
4
Output
5
Ground
6
Output
7
Ground
8
Ground
9
Ground
10
Input
11
Ground
12
Input
S 456AF
●
V35
200 Ω Test circuit
L1
L2
C1
SAW
6
12
L3
L4
C2
4
10
1, 2, 3, 5, 7, 8, 9, 11
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com