Electronic Components Datasheet Search
  English  ▼

X  

TFS456AM Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS456AM
Description  VI TELEFILTER Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS456AM Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS456AM Datasheet HTML 1Page - Vectron International, Inc TFS456AM Datasheet HTML 2Page - Vectron International, Inc TFS456AM Datasheet HTML 3Page - Vectron International, Inc TFS456AM Datasheet HTML 4Page - Vectron International, Inc TFS456AM Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 456am.doc
Version 1.1
14.12.2007
VI TELEFILTER
Filter specification
TFS 456AM
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Filter characteristic
356
376
396
416
436
456
476
496
516
536
556
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
frequency in MHz
453
453.6
454.2
454.8
455.4
456
456.6
457.2
457.8
458.4
459
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
453
453.6
454.2
454.8
455.4
456
456.6
457.2
457.8
458.4
459
0.42
0.57
0.72
0.87
1.02
1.17
1.32
1.47
1.62
1.77
1.92
frequency in MHz
Construction and pin connection
(All dimensions in mm)
Date code
Date code: Year + week
V
2007
W
2008
X
2009
...
1
Ground
2
Ground
3
Ground
4
Output
5
Output RF Return
6
Ground
7
Ground
8
Ground
9
Input
10
Input RF Return
S 456AM
●
V50
50 Ohm Test circuit
C1
L1
SAW
L2
C2
10
1, 2, 3, 6, 7, 8
5
4
9
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com