Electronic Components Datasheet Search
  English  ▼

X  

SP6134HCU Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6134HCU
Description  High Voltage, 600 KHz Synchronous PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6134HCU Datasheet(HTML) 1 Page - Sipex Corporation

  SP6134HCU Datasheet HTML 1Page - Sipex Corporation SP6134HCU Datasheet HTML 2Page - Sipex Corporation SP6134HCU Datasheet HTML 3Page - Sipex Corporation SP6134HCU Datasheet HTML 4Page - Sipex Corporation SP6134HCU Datasheet HTML 5Page - Sipex Corporation SP6134HCU Datasheet HTML 6Page - Sipex Corporation SP6134HCU Datasheet HTML 7Page - Sipex Corporation SP6134HCU Datasheet HTML 8Page - Sipex Corporation SP6134HCU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Date: 8/4/04
SP6134H High Voltage, 600KHz Synchronous PWM Controller
© Copyright 2004 Sipex Corporation
SP6134H
FEATURES
■ 3V to 28V Step Down Achieved Using Dual Input
■ Small 10-Pin MSOP Package
■ 2A to 15A Ouput Capability
■ Highly Integrated Design, Minimal Components
■ UVLO Detects Both VCC and VIN
■ Short Circuit Protection with Auto-Restart
■ On-Board 1.5Ω sink (2Ω source) NFET Drivers
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 94% Possible
■ A Synchronous Start-Up into a Pre-Charged Output
High Voltage, 600 KHz Synchronous PWM Controller
DESCRIPTION
The SP6134H is a high voltage, synchronous step-down switching regulator controller optimized for high efficiency.
The part is designed to be especially attractive for dual supply, 12V step down with 5V used to power the controller.
This lower VCC voltage minimizes power dissipation in the part. The SP6134H is designed to drive a pair of external
NFETs using a fixed 600kHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal
shutdown and output short circuit protection. The SP6134H is available in the cost and space saving 10-pin MSOP
.
®
Preliminary
TYPICAL APPLICATION CIRCUIT
APPLICATIONS
■ Wireless Base Station
■ Automotive
■ Industrial
■ Power Supply
VCC
GL
GND
VFB
COMP
SP6134H
10 Pin MSOP
1
2
3
4
5
10
9
8
7
6
BST
GH
SWN
SS
UVIN
8 7 6 5
1 2 3
4
CSS
47nF
CBST
1µF
FDS6676S
14.5A, 6.0mΩ
C3
47µF
6.3V
R1
68.1k, 1%
VOUT≤VIN
0.8V - 3.3V
0 - 10 A
R2
21.5k, 1%
CVCC
10µF
6.3V
R3
221k, 1%
R4
100k, 1%
CF1
100pF
CZ2
820pF
CP1
56pF
fs=600Khz
RZ2
40.2k, 1%
FDS6676S
14.5A, 6mΩ
8 7 6 5
4
1 2 3
DBST
MBR0530
SP6134H
1
2
3
4
5
10
9
8
7
6
VCC
GL
GND
VFB
COMP
BST
GH
SWN
SS
UVIN
UVIN
VCC
GND 3
RLF
3.0,5%
U1
CVCC
Ceramic
8050
X5R
QT
SS
GND2
C3, C4
Ceramic
1210
X5R
C4
47µF
6.3V
RZ3
4.64k, 1%
CZ3
220pF
C1
22µF
16V
C2
22µF
16V
GND
VIN
3.5V - 15V
C1, C2
Ceramic
1210
X5R
V
OUT
=(R1/R2 +1)V
FB
R5
Bead
QB
= 5V @ 30mA
0.8V
Now Available in Lead Free Packaging


Similar Part No. - SP6134HCU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134HCU SIPEX-SP6134HCU Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Exar Corporation
SP6134HCU-L EXAR-SP6134HCU-L Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
SP6134HCU-L/TR EXAR-SP6134HCU-L/TR Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6134HCU/TR SIPEX-SP6134HCU/TR Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
More results

Similar Description - SP6134HCU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
International Rectifier
IR3651SPBF IRF-IR3651SPBF Datasheet
1Mb / 19P
HIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER
logo
ON Semiconductor
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
logo
Semtech Corporation
SC2608 SEMTECH-SC2608 Datasheet
374Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608B SEMTECH-SC2608B Datasheet
1Mb / 11P
Simple, Synchronous Voltage Mode PWM Controller
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035_14 Datasheet
455Kb / 24P
MCP19035 600 kHz High-Voltage Synchronous Buck Controller Reference Design
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com