Electronic Components Datasheet Search
  English  ▼

X  

ACDBAT340-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ACDBAT340-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBAT340-HF Datasheet(HTML) 4 Page - Comchip Technology

  ACDBAT340-HF Datasheet HTML 1Page - Comchip Technology ACDBAT340-HF Datasheet HTML 2Page - Comchip Technology ACDBAT340-HF Datasheet HTML 3Page - Comchip Technology ACDBAT340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Rectifiers
Page 4
AQW-JB001
REV:B
Comchip Technology CO., LTD.
Marking Code
2
Part Number
Marking Code
ACDBAT320-HF
ACDBAT340-HF
ACDBAT360-HF
4
6
ACDBAT3100-HF
10
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
2010
Suggested PAD Layout
A
B
C
SIZE
(inch)
0.058MIN.
(mm)
1.47MIN.
1.27MIN.
2.60MAX.
0.050MIN.
0.102MAX.
2010
5.14REF.
0.202 REF.
A
B
C
D
D
Company reserves the right to improve product design , functions and reliability without notice.
SCD
.3
.
Marking code
Cathode mark



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com