Electronic Components Datasheet Search
  English  ▼

X  

SP6200 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation SP6200 Datasheet HTML 10Page - Sipex Corporation SP6200 Datasheet HTML 11Page - Sipex Corporation SP6200 Datasheet HTML 12Page - Sipex Corporation SP6200 Datasheet HTML 13Page - Sipex Corporation SP6200 Datasheet HTML 14Page - Sipex Corporation SP6200 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
TYPICAL CHARACTERISTICS: Continued
27°C, VIN = 5.5V, IO = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
Current Limit vs. Temp (fixed 3.3V, Vin=4V)
300
400
500
600
-50
0
50
100
150
Temp (deg)
SP6201-3.3
Current Limit vs. Temp (fixed 3.3V, Vin=4V)
100
150
200
-50
0
50
100
150
Temp (deg)
SP6200-3.3
Turn on time, Io=1mA, 4Vin
SP6201 - 3.0Vout fixed
Ven is toggled, Vin = 4V
Iout = 1mA
Cin = Cout = 1uF Cer. Cap
VEN
VOUT
0V
2V
4V
0V
1V
2V
3V
Turn on time, Io=100mA, 4Vin
SP6201 - 3.0Vout fixed
Ven is toggled, Vin = 4V
Iout = 100mA
Cin = Cout = 1uF Cer. Cap
VEN
VOUT
0V
2V
4V
0V
1V
2V
3V
Turn on time, Io=300mA, 4Vin
SP6201 - 3.0Vout fixed
Ven is toggled, Vin = 4V
Iout = 300mA
Cin = Cout = 1uF Cer. Cap
VEN
VOUT
0V
2V
4V
0V
1V
2V
3V
Turn on time, Io=100mA, 7Vin
SP6201 - 3.0Vout fixed
Ven is toggled, Vin = 7V
Iout = 100mA
Cin = Cout = 1uF Cer. Cap
VEN
VOUT
0V
2V
4V
0V
1V
2V
3V
Turn off time, Io=1mA, 4Vin
VEN
VOUT
SP6201 - 3.0Vout fixed
Ven is toggled, Vin = 4V
Iout= 1mA
Cin = Cout = 1uF Cer. Cap
0V
2V
2V
0V
1V
4V
3V
Turn off time, Io=50mA, 4Vin
VEN
VOUT
SP6201 - 3.0Vout fixed
Ven is toggled, Vin = 4V
Iout = 50mA
Cin = Cout = 1uF Cer. Cap
0V
2V
2V
0V
1V
4V
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com