Electronic Components Datasheet Search
  English  ▼

X  

10004HT Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 10004HT
Description  High-Temp PGA ZIF Test & Burn-in Socket for Footprints on Std 8x8 to 21x21 Grid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

10004HT Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  10004HT Datasheet HTML 1Page - Aries Electronics, Inc. 10004HT Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10004HT
Rev. 1.1
1 of 2
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
SPECIAL HANDLE REQUIREMENTS: CONSULT FACTORY
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
•StrongMetalCamActivatesNormally-closedContacts,PreventingDependencyonPlastic
forContactForce
•HandlemountedonRight-orLeft-handSide
• AnyFootprintAcceptedonStandard8x8to21x21Grid
GENERAL SPECIFICATIONS
•
SOCKET BODY:blackUL94V-0PolyphenyleneSulfide(PPS)
•
CONTACTS:Spinodal
•
CONTACT PLATING:50μ[1.27μ]min.NiB
•
HANDLE:StainlessSteel
•
CONTACT CURRENT RATING:1amp
•
OPERATING TEMPERATURES: -85°F to 392°F [-65°C to 200°C]
•
ACCEPTS LEADS:0.014-0.026[0.36-0.66]dia.,0.120-0.290[3.05-7.37]long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.032 ±0.002 [0.81 ±0.05] dia.
• See
PCB FOOTPRINTbelow
• PlugsintostandardPGAsockets
High-Temp PGA ZIF Test & Burn-in Socket for
Footprints on Std 8x8 to 21x21 Grid
*Top-andRight-handSideRowsleftout
ORDERING INFORMATION
XXX-PXX XXXXX-1 X
Plating
6 = NiB
ConsultFactoryfor
MinimumOrderAvailability
Solder Pin Tail
Grid Size & Footprint Number
Series Designator
PRS=HandleRight–Std
PLS=HandleLeft
Number of Pins
Grid Size
No. of Pins
Dim. “C”
Dim. “A”
Dim. “B”
Dim. “D”
8x8*
64
0.700 [17.78]
1.695 [43.05]
1.110 [28.19]
1.275 [32.39]
9x9
81
0.800 [20.32]
12x12*
144
1.100 [27.94]
1.894 [48.10]
1.510 [38.35]
1.675 [42.55]
13x13
169
1.200 [30.48]
14x14*
196
1.300 [33.02]
2.094 [53.20]
1.710 [43.43]
1.875 [47.63]
15x15
225
1.400 [35.56]
16x16*
256
1.500 [38.10]
2.294 [58.27]
1.910 [48.51]
2.075 [52.71]
17x17
289
1.600 [40.64]
18x18*
324
1.700 [43.18]
2.494 [63.35]
2.110 [53.59]
2.275 [57.79]
19x19
361
1.800 [45.72]
20x20*
400
1.900 [48.26]
2.694 [68.43]
2.310 [58.67]
2.475 [62.87]
21x21
441
2.000 [50.80]


Similar Part No. - 10004HT

ManufacturerPart #DatasheetDescription
logo
Heyco.
10004 HEYCO-10004 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Festo Corporation.
10004 FESTO-10004 Datasheet
64Kb / 1P
Indicating insert
logo
Walther-Werke
10004 WALTHER-10004 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
ledxon GmbH
1000400 LEDXON-1000400 Datasheet
155Kb / 4P
Präsentationskoffer ESP1
logo
Lapp.
10004000 LAPP-10004000 Datasheet
150Kb / 2P
EPIC® H-B 6 AD-LB
17.09.2018
More results

Similar Description - 10004HT

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
144-PRS12X12-12 ARIES-144-PRS12X12-12 Datasheet
841Kb / 2P
ZIF PGA Test & Burn-in Socket for Any Footprint on Std 13x13 to 21x21 Grid
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
logo
Aries Electronics, Inc.
10002 ARIES-10002 Datasheet
716Kb / 1P
High-Temp Universal ZIF DIP Burn-in & Test Socket
logo
Abracon Corporation
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
Suitable for high temperature burn-in test
07.10.09
logo
Aries Electronics, Inc.
289-PRS17001-12 ARIES-289-PRS17001-12 Datasheet
653Kb / 2P
PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com