Electronic Components Datasheet Search
  English  ▼

X  

SP6641A Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6641A
Description  Low Noise Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641A Datasheet(HTML) 5 Page - Sipex Corporation

  SP6641A Datasheet HTML 1Page - Sipex Corporation SP6641A Datasheet HTML 2Page - Sipex Corporation SP6641A Datasheet HTML 3Page - Sipex Corporation SP6641A Datasheet HTML 4Page - Sipex Corporation SP6641A Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TABLE1: SP6641A BILL OF MATERIALS
TABLE2: SP6641B BILL OF MATERIALS
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6641AKEB-3.3...........................…..-40
°C to +85°C...............SP6641A 3.3V Evaluation Board
SP6641AEK-3.3.....................................-40
°C to +85°C......................................5-pin SOT23
SP6641AKEB-5.0.........................……… -40
°C to +85°C...........SP6641A 5.0V Evaluation Board
SP6641AEK-5.0.....................................-40
°C to +85°C......................................5-pin SOT23
SP6641BKEB-3.3.........................……… -40
°C to +85°C...........SP6641B 3.3V Evaluation Board
SP6641BEK-3.3.....................................-40
°C to +85°C......................................5-pin SOT23
SP6641BKEB-5.0.........................……… -40
°C to +85°C...........SP6641B 5.0V Evaluation Board
SP6641BEK-5.0.....................................-40
°C to +85°C......................................5-pin SOT23
Ref. Des. Qty.
Manufacturer
Part Number
Layout Size
Component
Vendor
LxWxH
1Sipex Corp.
146-6447-03
1"x1.5"
SP6641 Eval PC Board
Sipex 978-667-8700
U1
1
Sipex Corp.
SP6641BEK-3.3 or 5.0
SOT23-5
5-pin SOT23 Step-Up DC/DC Conv
Sipex
C1
1
Sanyo Video
10TPA100M
7343
POSCAP 10V 100uF SM 0.080ohm Max. ESR
Sanyo 978-922-6573
C2
1
Sanyo Video
6TPB330M
7343
POSCAP 6.3V 330uF SM 0.040ohm Max. ESR Sanyo 978-922-6573
C3
1
TDK Corp
C2012X5R1A105M
805
Ceramic 10V 1uF SM 0.02ohm ESR
TDK 847-803-6100
C4
1
TDK Corp
C3216X5R0J106M
1206
Ceramic 6.3V 10uF SM 0.005ohm ESR
TDK 847-803-6100
L1
1
Sumida
CDRH5D28-100
5.7x5.5x3
10uH, 1.3A, 0.065ohm, SM Inductor
Sumida 847-956-0666
L2
1
Panasonic
EXC-ML20A390U
805
SM Bead Core 100MHz
800-Digi-Key
D1
1
Zetex
ZCHS2000
SOT23-6
Schottky diode 2A, 0.42V
Zetex 631-360-2222
TP
5
Mill-Max
0300-115-01-4727100
.042 Dia
Test Point Female Pin
800-Digi-Key
J1
1
Sullins
PTC36SAAN
.23x.12
3-Pin Header
800-Digi-Key
1
Sullins
STC02SYAN
.2x.1
Shunt
800-Digi-Key
Ref. Des. Qty.
Manufacturer
Part Number
Layout Size
Component
Vendor
LxWxH
1Sipex Corp.
146-6447-03
1"x1.5"
SP6641 Eval PC Board
Sipex 978-667-8700
U1
1
Sipex Corp.
SP6641AEK-3.3 or 5.0
SOT23-5
5-pin SOT23 Step-Up DC/DC Conv
Sipex
C1,C2
2
TDK Corp
C3225X5R0J226K
1210
Ceramic 6.3V 22uF SM 0.005ohm ESR
TDK 847-803-6100
C3
1
TDK Corp
C2012X5R1A105K
805
Ceramic 10V 1uF SM 0.02ohm ESR
TDK 847-803-6100
L1
1
Sumida
CDRH5D28-220
5.7x5.5x3mm
22uH, 0.90A, 0.095ohm, SM Inductor
Sumida 847-956-0666
D1
1
STMicroelectronics
STPS0520Z
SOD-123
Schottky diode 0.5A, 0.385V
STMicro 847-585-3023
TP
5
Mill-Max
0300-115-01-4727100
.042 Dia
Test Point Female Pin
800-Digi-Key
J1
1
Sullins
PTC36SAAN
.23x.12
3-Pin Header
800-Digi-Key



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com