Electronic Components Datasheet Search
  English  ▼

X  

SP6642 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6642
Description  Application Note:High Current Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6642 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6642 Datasheet HTML 1Page - Sipex Corporation SP6642 Datasheet HTML 2Page - Sipex Corporation SP6642 Datasheet HTML 3Page - Sipex Corporation SP6642 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SP6642/6643APN/02
SP6642/6643 Application Note
© Copyright 2000 Sipex Corporation
SP6642/3
Application Note:
High Current Output
Description
The SP6642/6643 devices are high-efficiency, low-power step-up DC-DC converters for +1V
inputs ideal for single alkaline cell applications such as pagers, remote controls, pointing
devices and other low-power portable products. This application note is for users like medical
devices, emergency lighting and others who need twice the output current than the datasheet
specified values for the SP6642/6643. Typically specified at 20mA for 3.3V out with a 1.2V
input, the SP6642 can actually output double the current if a lower value of inductor is selected.
s 40mA Output Current for the SP6642/3
Single Cell to 2V to 5V Converter
s High Efficiency: 81%
s Twice the Output Current as the
Pin-to-Pin Compatible MAX1642/3
s 0.75V Start-up Voltage
SP6642/6643 Applications Schematic – 47
µH Inductor
Single
Cell
47
µH
SP6642/3
DC/DC Converter
2 to 5V
Pagers,
Remotes,
Medical
Devices
SP6642/3 40mA Output Application: Block Diagram
®


Similar Part No. - SP6642

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6642CU SIPEX-SP6642CU Datasheet
37Kb / 7P
Evaluation Board Manual
SP6642EB SIPEX-SP6642EB Datasheet
37Kb / 7P
Evaluation Board Manual
SP6642EU SIPEX-SP6642EU Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6642UEB SIPEX-SP6642UEB Datasheet
37Kb / 7P
Evaluation Board Manual
More results

Similar Description - SP6642

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL187 CDIL-CIL187 Datasheet
152Kb / 3P
Intended For Low Voltage, High Current Output Pair Application
logo
Vincotech
V23990-K200-A-P1-19 VINCOTECH-V23990-K200-A-P1-19 Datasheet
55Kb / 3P
Output inverter application
V23990-K420-A40-P1-19 VINCOTECH-V23990-K420-A40-P1-19 Datasheet
76Kb / 3P
Output Inverter Application
V23990-P541-X3X-D3-19 VINCOTECH-V23990-P541-X3X-D3-19 Datasheet
63Kb / 3P
Output Inverter Application
V23990-P545-X3X-D3-19 VINCOTECH-V23990-P545-X3X-D3-19 Datasheet
57Kb / 3P
Output Inverter Application
V23990-P546-X3X-D3-19 VINCOTECH-V23990-P546-X3X-D3-19 Datasheet
58Kb / 3P
Output Inverter Application
V23990-P585-X2X-D2-19 VINCOTECH-V23990-P585-X2X-D2-19 Datasheet
60Kb / 3P
Output Inverter Application
logo
Maxim Integrated Produc...
MAX17691B MAXIM-MAX17691B Datasheet
683Kb / 8P
Output-Voltage Application
Rev 0; 10/20
MAX17572EVKITB MAXIM-MAX17572EVKITB Datasheet
819Kb / 8P
Output-Voltage Application
Rev 0; 9/16
MAX17572EVKITA MAXIM-MAX17572EVKITA Datasheet
686Kb / 8P
Output-Voltage Application
Rev 1; 6/17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com