Electronic Components Datasheet Search
  English  ▼

X  

18021 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 18021
Description  P/N 97-56001 Motorola DSP56000/001 QFP-to-PGA Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

18021 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  18021 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Convert surface-mount QFP packages to a 13x13 PGA footprint.
• Reduce costs by using less-expensive QFP packages to replace PGA footprints in
existing designs.
• Pins are mechanically fastened and soldered to board using Aries’ patented process,
creating a reliable electrical connection and rugged contact.
• Consult factory for Panelized Form or for mounting of consigned chips.
GENERAL SPECIFICATIONS
• ADAPTOR BODY: FR-4 with 1-oz. Cu traces
• PADS: finished with ENIG (Immersion Au over Electroless Ni) to eliminate copla-
narity concerns and solder bridges associated with hot air solder leveling
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: 200µ [5.08µ] Sn/Pb 93/7 per ASTM B579-73 over 100µ [2.54µ]
Ni per SAE AMS-QQ-N-290
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.028 ±0.003 [0.71 ±0.08] dia.
• Will Plug into standard PGA socket
18021
Rev. AB
P/N 97-56001 Motorola DSP56000/001
QFP-to-PGA Adapter
ORDERING INFORMATION
P/N 97-56001 QFP-to-PGA 13x13 Adapter
P/N 97-56001-P QFP-to-PGA 13x13
Panelized Form
P/N 100-PGM13069-30 QFP-to-PGA 13x13
Wire Wrap
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
ROW-TO-ROW ±0.003 [±0.08]
PIN-TO-PIN ±0.003 [±0.08] NON-CUMULATIVE
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 18021

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
1802 PERKINELMER-1802 Datasheet
49Kb / 6P
Thyratrons
logo
Heyco.
1802 HEYCO-1802 Datasheet
219Kb / 1P
RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Adafruit Industries
1802 ADAFRUIT-1802 Datasheet
176Kb / 2P
1/4" (6.35mm) DIY Mono Plug
7-19-17
logo
ITW.
1802-100F TECHSPRAY-1802-100F Datasheet
1Mb / 4P
Pro Wick Desoldering Braid
1802-10F TECHSPRAY-1802-10F Datasheet
1Mb / 4P
Pro Wick Desoldering Braid
More results

Similar Description - 18021

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
96-160M65 ARIES-96-160M65 Datasheet
389Kb / 1P
QFP-to-PGA Adapter
95-132I25 ARIES-95-132I25 Datasheet
880Kb / 1P
QFP-to-PGA Adapter 0.025 [0.64] Pitch
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
QFP-to-PGA Adapter
97-68340 ARIES-97-68340 Datasheet
534Kb / 1P
144-Pin QFP-to-PGA Adapter
96-208M50 ARIES-96-208M50 Datasheet
875Kb / 1P
QFP-to-PGA EIAJ 208-Position, 0.0197 [0.50] Pitch Adapter
18017 ARIES-18017 Datasheet
938Kb / 1P
P/N 95-132I25 JEDEC 132-Position QFP-to-PGA Adapter 0.025 [0.64] Pitch
18020 ARIES-18020 Datasheet
448Kb / 1P
P/N 96-160M65 160-Position, 0.0256 [0.65] Pitch QFP-to-PGA Adapter
18022 ARIES-18022 Datasheet
914Kb / 1P
P/N 97-AQ132D 132-Pin Amp Footprint PQFP-to-PGA Socket
18025 ARIES-18025 Datasheet
580Kb / 1P
P/N 97-68340 for Motorola 68340 144-Pin QFP-to-PGA Adapter
18031 ARIES-18031 Datasheet
963Kb / 1P
P/N 96-208M50 QFP-to-PGA EIAJ 208-Position, 0.0197 [0.50] Pitch Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com