Electronic Components Datasheet Search
  English  ▼

X  

SP6648 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 3Page - Sipex Corporation SP6648 Datasheet HTML 4Page - Sipex Corporation SP6648 Datasheet HTML 5Page - Sipex Corporation SP6648 Datasheet HTML 6Page - Sipex Corporation SP6648 Datasheet HTML 7Page - Sipex Corporation SP6648 Datasheet HTML 8Page - Sipex Corporation SP6648 Datasheet HTML 9Page - Sipex Corporation SP6648 Datasheet HTML 10Page - Sipex Corporation SP6648 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Date: 7/19/04
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
Refer to the Typical Application Circuit on page 1, TAMB=+25°C.
0
50
100
150
200
250
300
350
400
450
500
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Vin (V)
Maximum Resistive Load Current in Startup, V
OUT=5.0V
0
50
100
150
200
250
300
350
400
1.0
1.5
2.0
2.5
3.0
Vin (V)
VOUT (AC)
Inductor Current
(0.2A/DIV)
Output Ripple, V
IN=2.6V, ILOAD=200mA, VOUT=3.3V
VOUT (AC)
Inductor Current
(0.2A/DIV)
Output Ripple, V
IN=2.6V, ILOAD=200mA, VOUT=5.0V
0.0
1.0
2.0
3.0
4.0
5.0
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
Vin (V)
0.0
1.0
2.0
3.0
4.0
5.0
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
Vin (V)
K
ON vs. VIN , VOUT=3.3V
K
ON vs. VIN , VOUT=5.0V
Maximum Resistive Load Current in Startup, V
OUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com