Electronic Components Datasheet Search
  English  ▼

X  

SP6650EU Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6650EU
Description  High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650EU Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6650EU Datasheet HTML 9Page - Sipex Corporation SP6650EU Datasheet HTML 10Page - Sipex Corporation SP6650EU Datasheet HTML 11Page - Sipex Corporation SP6650EU Datasheet HTML 12Page - Sipex Corporation SP6650EU Datasheet HTML 13Page - Sipex Corporation SP6650EU Datasheet HTML 14Page - Sipex Corporation SP6650EU Datasheet HTML 15Page - Sipex Corporation SP6650EU Datasheet HTML 16Page - Sipex Corporation SP6650EU Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Date: 5/25/04
SP6650 High Efficiency 600mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
Figure 19. Additional Application Circuit: VIN = 5.0V, VOUT = 12V, and Max ILOAD = 150mA.
RB
100k
SP6650
U1
10
9
8
7
6
1
2
3
4
5
L3
47µH
COUT1
100µF/16V
R2
86k
R3
10k
PVIN
VIN
BLON
ILIM
SHDN
LX
PGND
GND
VOUT
FB
®
®
12V/150mA
VIN 4.5-6.5 VDC
RVIN
5.0
R2
4.02k
CIN
47µF
D1
MBR0530TI
Q1
FDS637AN
R1
11.3k
CVIN
1.0µF
Figure 20. Additional Application Circuit: VIN= 5.0V, VOUT = 5.0V, ILOAD = 250mA.
RB
100k
SP6650
U1
10
9
8
7
6
1
2
3
4
5
L1
47µH
COUT1
47µF
R2
30.9k
R3
10.2k
PVIN
VIN
BLON
ILIM
SHDN
LX
PGND
GND
VOUT
FB
®
®
5V/250mA
VIN 4.5-6.5 VDC
RVIN
10.0
R2
4.02k
CIN
47µF
D1
MBR0530T1
Q1
FDS637AN
Cf2
470pF
R1
11.3k
CVIN
4.7µF
COUT2
47µF
SP6650 can also be configured with few external
components to achieve buck-boost voltage con-
version. Efficiency of 75% to 87% can often be
obtained depending on the load current and output
voltage. Figure 19 and Figure 20 demonstrate two
typical applications in which the USB input is
converted to a 12V and a well regulated 5V.
The operation of the circuit is as follows. When
the internal high side PMOS turns on, the LX pin
swings to the input voltage which turns on the
external NMOS Q1. A voltage equal to Vin is
then applied to the inductor to cause the inductor
current rise linearly. Since there’s no current
delivered to the output, the output capacitor is
discharged by the load current. Therefore, the
internal PMOS can be only turned off by the
over-current comparator since the loop com-
parator would never toggle during this state.
When the internal PMOS is open, the internal
low side NMOS is turned on. This pulls the LX
pin to the ground and turns off the Q1. As a
ADDITIONAL APPLICATION CIRCUITS: continued
result, the Schottky D2 is forward biased and
conducts the inductor current to the output. Now
the inductor experiences a reversed voltage equal
to Vout and its current ramps down linearly. As
expressed in the Operation section under In-
ductor Over-Current Protection, a minimum
TOFF timer is activated after the over-current
comparator is triggered in the previous state.
Before Toff expires, the internal PMOS will not
turn on, and the inductor will not be recharged
even when the output voltage drops below the
regulation voltage. This reduces the maximum
load current that can be delivered by this circuit.
Since TOFF is reverse proportional to the VOUT
pin voltage, the VOUT pin is pulled up using a
voltage divider tying to the input voltage. As a
result, a 5V to 12V conversion can provide
maximum 120mA load. This buck-boost circuit
can regulate an output voltage higher, lower or
equal to the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com