Electronic Components Datasheet Search
  English  ▼

X  

1052829 Datasheet(PDF) 3 Page - SICK AG

Part # 1052829
Description  DISPLACEMENT MEASUREMENT SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1052829 Datasheet(HTML) 3 Page - SICK AG

  1052829 Datasheet HTML 1Page - SICK AG 1052829 Datasheet HTML 2Page - SICK AG 1052829 Datasheet HTML 3Page - SICK AG 1052829 Datasheet HTML 4Page - SICK AG 1052829 Datasheet HTML 5Page - SICK AG 1052829 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DT20-P244BS04 | DT20 Hi
DISPLACEMENT MEASUREMENT SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Mechanics/electronics
Supply voltage Vs
DC 10 V ... 30 V 1)
Ripple
≤ 5 Vpp 2)
Power consumption
≤ 1.8 W 3)
Warm-up time
≤ 10 min
Housing material
Metal housing with PMMA lens
Connection type
Male connector, M12, 5-pin
Indication
LC display, 2 x LED
Weight
135 g
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not fall short of or exceed VS tolerances.
3) Without load.
Ambient data
Enclosure rating
IP 65
Protection class
II
Ambient temperature
Operation: –20 °C ... +55 °C 1)
Storage: –40 °C ... +60 °C
Temperature drift
0.25 mm/K 2)
Typ. Ambient light immunity
Artificial light: ≤ 3,000 lx
Sunlight: ≤ 10,000 lx
Vibration resistance
EN 60068-2-6 / EN 60068-2-64
Shock resistance
EN 60068-2-27
1) Operating temperature at VS = 24 V.
2) 0,5 mm/K: for distances > 600 mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com