Electronic Components Datasheet Search
  English  ▼

X  

SP6652EU Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6652EU
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652EU Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6652EU Datasheet HTML 3Page - Sipex Corporation SP6652EU Datasheet HTML 4Page - Sipex Corporation SP6652EU Datasheet HTML 5Page - Sipex Corporation SP6652EU Datasheet HTML 6Page - Sipex Corporation SP6652EU Datasheet HTML 7Page - Sipex Corporation SP6652EU Datasheet HTML 8Page - Sipex Corporation SP6652EU Datasheet HTML 9Page - Sipex Corporation SP6652EU Datasheet HTML 10Page - Sipex Corporation SP6652EU Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Operating Temperature Range
Package Type
SP6652EU .................................................. -40°C to +85°C ........................................................ 10 Pin MSOP
SP6652EU/TR ............................................ -40°C to +85°C ........................................................ 10 Pin MSOP
SP6652ER .................................................. -40°C to +85°C ........................................................... 10 Pin DFN
SP6652ER/TR ............................................ -40°C to +85°C ........................................................... 10 Pin DFN
/TR = Tape and Reel
Pack quantity is 2,500 for MSOP and 3,000 for DFN.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6652EU/TR = standard; SP6652EU-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com