Electronic Components Datasheet Search
  English  ▼

X  

SP6655ER Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6655ER
Description  High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655ER Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6655ER Datasheet HTML 3Page - Sipex Corporation SP6655ER Datasheet HTML 4Page - Sipex Corporation SP6655ER Datasheet HTML 5Page - Sipex Corporation SP6655ER Datasheet HTML 6Page - Sipex Corporation SP6655ER Datasheet HTML 7Page - Sipex Corporation SP6655ER Datasheet HTML 8Page - Sipex Corporation SP6655ER Datasheet HTML 9Page - Sipex Corporation SP6655ER Datasheet HTML 10Page - Sipex Corporation SP6655ER Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Date: 7/12/04
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
Load Step, V
IN=4.2V, IOUT=0.1A to 0.4A, VOUT=3.3V
Load Step, V
IN=4.2V, IOUT=0.1A to 0.4A, VOUT=1.5V
Start up from SHDN, V
IN=5V ,IOUT=0.4A, VOUT=3.3V
Start up from SHDN, V
IN=5V, IOUT=0.4A, VOUT=1.5V
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to the typical application schematic, TAMB= +27°C
V
IN Start up, VIN=4.2V, IOUT=0.4A, VOUT=3.3V
V
IN Start up,VIN=4.2V, IOUT=0.4A, VOUT=1.5V
CH.1=VIN
5.0V/DIV.
CH.4=IIN
0.5A/DIV.
CH.2=VOUT
0.5V/DIV.
CH.4=ILX
0.5A/DIV.
CH.2=VOUT
2.0V/DIV.
CH.1=VSHDN
5.0V/DIV.
CH.1=VSHDN
5.0V/DIV.
CH.4=ILX
0.5A/DIV.
CH.2=VOUT
0.5V/DIV.
CH.4=ILX
0.5A/DIV.
CH.2=VOUT
2.0V/DIV.
CH.1=VSHDN
5.0V/DIV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com