Electronic Components Datasheet Search
  English  ▼

X  

ACDST-16-G Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDST-16-G
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDST-16-G Datasheet(HTML) 2 Page - Comchip Technology

  ACDST-16-G Datasheet HTML 1Page - Comchip Technology ACDST-16-G Datasheet HTML 2Page - Comchip Technology ACDST-16-G Datasheet HTML 3Page - Comchip Technology ACDST-16-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQW-B0006
RATING AND CHARACTERISTIC CURVES (ACDST-16-G)
Comchip Technology CO., LTD.
Page 2
REV:A
Small Signal Switching Diodes
Company reserves the right to improve product design , functions and reliability without notice.
Reverse Voltage, (V)
Fig.3 - Capacitance Between
0.4
0
10
0.1
Forward Voltage, (V)
Fig.1 - Forward Characteristics
Reverse Voltage, (V)
10
1
1000
0
20
Fig.2 - Reverse Characteristics
0
10
15
20
1.0
0
50
100
150
200
250
0
25
50
75
100
125
150
Ambient Temperature, (°C)
Fig.4 - Power Derating Curve
1.3
1.4
1
300
0.8
1.2
1.6
100
40
60
80
100
1.2
5
300
1.1
TA=100°C
TA=25°C
f=1MHz
TA=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com