Electronic Components Datasheet Search
  English  ▼

X  

SP6656ER Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6656ER
Description  High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656ER Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6656ER Datasheet HTML 2Page - Sipex Corporation SP6656ER Datasheet HTML 3Page - Sipex Corporation SP6656ER Datasheet HTML 4Page - Sipex Corporation SP6656ER Datasheet HTML 5Page - Sipex Corporation SP6656ER Datasheet HTML 6Page - Sipex Corporation SP6656ER Datasheet HTML 7Page - Sipex Corporation SP6656ER Datasheet HTML 8Page - Sipex Corporation SP6656ER Datasheet HTML 9Page - Sipex Corporation SP6656ER Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Date: 7/9/04
SP6656 High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to the typical application schematic, TAMB= +27°C
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Time in Milliseconds
0.25
0.50
0.75
1.00
1.25
1.50
1: Startupawg (APU #16)
2: S1 Fbx data (APU #10)
Plot Overlay
Turn on Time, 400mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com