Electronic Components Datasheet Search
  English  ▼

X  

SP6680 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6680
Description  High Efficiency Buck/Boost Charge Pump Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6680 Datasheet HTML 1Page - Sipex Corporation SP6680 Datasheet HTML 2Page - Sipex Corporation SP6680 Datasheet HTML 3Page - Sipex Corporation SP6680 Datasheet HTML 4Page - Sipex Corporation SP6680 Datasheet HTML 5Page - Sipex Corporation SP6680 Datasheet HTML 6Page - Sipex Corporation SP6680 Datasheet HTML 7Page - Sipex Corporation SP6680 Datasheet HTML 8Page - Sipex Corporation SP6680 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Date: 5/25/04
SP6680 High Efficiency Buck/Boost Charge Pump Regulator
© Copyright 2004 Sipex Corporation
High Efficiency Buck/Boost Charge Pump Regulator
SP6680
■ Ideal For Sim Card Applications In
Cellular Phones
■ Low Profile, Inductorless Regulator
■ Up To 96% Power Efficiency
■ +2.7V to +6.3V Input Voltage Range
■ 5.8V Output Voltage
■ 60mA Output Current
■ 75µA Quiescent Current
■ 4µA Shutdown Current
■ External 32.768kHz Clock Input
■ Three Programmable Charge Pump
Frequencies: 8.192kHz, 32.768kHz,
and 262.14kHz
■ Internal Oscillator At 16.7kHz, When
CLK Pin Is Held High
■ Space Saving 10-Pin µSOIC Package
The SP6680 is a charge pump ideal for converting a +3.6V Li-Ion battery input to a +5.0V
regulated output. An input voltage range of +2.7V to +6.3V is converted to a regulated output
of 5.8V. The SP6680 device will operate at three different switching frequencies correspond-
ing to three different output resistances and load current ranges. An external 32.768kHz
nominal clock signal is used to produce three synchronized pump frequencies through the use
an internal phase look loop of an to drive the charge pump. Two control inputs can adjust the
internal pump frequency on the fly to 8.192kHz (f
INPUT / 4), 32.768kHz (fINPUT x 1), or 262.14kHz
(f
INPUT x 8). The charge pump configuration dynamically changes to optimize power efficiency.
At low input voltages the charge pump doubles the input while at higher inputs the output is
1.5 times the input. The SP6680 can deliver high power efficiencies up to 96% with low
quiescent currents from 75µA to 800µA. The SP6680 is offered in a 10-Pin µSOIC package.
®
V
OUT = +5.8V
C/4
Cx8
CLK
GND
SP6680
8
CF1P
CF1N
CF2P
CF2N
4.7µF
2.2µF
2.2µF
2
9
10
7
1
6
45
3
+3.6V
Lithium-Ion
Battery
SP6200
CMOS
LDO
+5.0V output
V
IN
2.2µF
2.2µF
GND
V
IN
V
OUT
*All Capacitors Are Ceramic
Now Available in Lead Free Packaging
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
VOUT
CF1P
VIN
C/4
CX8
SP6680
10 Pin MSOP
1
2
3
4
5
10
9
8
7
6
CF2P
CF1N
GND
CF2N
CLK


Similar Part No. - SP6680

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680EB SIPEX-SP6680EB Datasheet
394Kb / 5P
Evaluation Board Manual
SP6680EU SIPEX-SP6680EU Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680EU SIPEX-SP6680EU Datasheet
394Kb / 5P
Evaluation Board Manual
SP6680TR SIPEX-SP6680TR Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
More results

Similar Description - SP6680

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com