Electronic Components Datasheet Search
  English  ▼

X  

PX-421 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # PX-421
Description  Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-421 Datasheet(HTML) 1 Page - Vectron International, Inc

  PX-421 Datasheet HTML 1Page - Vectron International, Inc PX-421 Datasheet HTML 2Page - Vectron International, Inc PX-421 Datasheet HTML 3Page - Vectron International, Inc PX-421 Datasheet HTML 4Page - Vectron International, Inc PX-421 Datasheet HTML 5Page - Vectron International, Inc PX-421 Datasheet HTML 6Page - Vectron International, Inc PX-421 Datasheet HTML 7Page - Vectron International, Inc PX-421 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PX-421
Crystal Oscillator
Vectron International • 267 Lowell Road, Unit 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
• Frequency: 10 KHz to 125 MHz
• 4 Pin 1/2 DIP Package with Standoffs
• Fully RoHS Compliant *
• No pure tin is used in this product
• Previous Model: CO-449, MC720, MC721, 7140, 4140, ACA1
• Made in USA
• Low voltage clock applications
• Military Portable Radios
• Avionics and Instrumentation
• Test and Measurement Equipment
• Medical Equipment
• Navigation
Features
Applications
PX-421
PX-421
PX-421
* ( Except parts with Sn-Pb Solder Coated Option )
* ( Except parts with Sn-Pb Solder Coated Option )
* ( Except parts with Sn-Pb Solder Coated Option )
Frequency Stabilities
Parameter
Min
Typ
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
-15
-25
-50
-100
+15
+25
+50
+100
ppm
ppm
ppm
ppm
0… +70°C
-25
-50
-100
+25
+50
+100
ppm
ppm
ppm
-40… +85°C
-50
-100
+50
+100
ppm
ppm
-55… +85°C
-50
-100
+50
+100
ppm
ppm
-55… +105°C
-50
-100
+50
+100
ppm
ppm
-55… +125°C
Initial tolerance
-15
-25
-50
-100
+15
+25
+50
+100
ppm
ppm
ppm
ppm
@+25°C
@+25°C
@+25°C
@+25°C
Performance Specifications
PX-421
1 of 8


Similar Part No. - PX-421

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-420 VECTRON-PX-420 Datasheet
189Kb / 4P
High Temperature Crystal Oscillator
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
Hybrid TTL Clock Oscillator
PX-4220-DAA-FA VECTRON-PX-4220-DAA-FA Datasheet
282Kb / 4P
Hybrid TTL Clock Oscillator
PX-4220-DAA-FB VECTRON-PX-4220-DAA-FB Datasheet
282Kb / 4P
Hybrid TTL Clock Oscillator
PX-4220-DAA-FF VECTRON-PX-4220-DAA-FF Datasheet
282Kb / 4P
Hybrid TTL Clock Oscillator
More results

Similar Description - PX-421

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com