Electronic Components Datasheet Search
  English  ▼

X  

BC856-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # BC856-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856-HF Datasheet(HTML) 4 Page - Comchip Technology

  BC856-HF Datasheet HTML 1Page - Comchip Technology BC856-HF Datasheet HTML 2Page - Comchip Technology BC856-HF Datasheet HTML 3Page - Comchip Technology BC856-HF Datasheet HTML 4Page - Comchip Technology BC856-HF Datasheet HTML 5Page - Comchip Technology BC856-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristic Curves (BC856-HF Thru. BC858-HF Series)
-400
-1200
Comchip Technology CO., LTD.
Page 4
REV:A
-200
-800
General Purpose Transistor
QW-JTR16
IC, (mA)
-600
-1000
0
Tam
b=-5
5°C
Tam
b=2
5°C
Tam
b=
150
°C
BC857C;VCE= -5V
Fig.10 - Base-Emitter voltage as a function
of collector current; typical values
-400
-1200
-200
-800
IC, (mA)
-600
-1000
0
BC857B;IC/IB= 20
Tam
b=-5
5°C
Tam
b=25
°C
Tam
b=15
0°C
Fig.8 - Base-Emitter saturation voltage
as a function of collector current;
values
typical
400
1000
200
800
IC, (mA)
600
0
Fig.9 - DC current gain as a function fo
collector current; typical values.
BC857C;VCE= -5V
Tamb=
150°C
Tamb=25°C
Tamb=-55°C
IC, (mA)
Fig.7 - Collector-Emitter saturation voltage
as a function of collector current
typical values.
-10
4
-10
3
-10
2
-10
Tamb=25°C
Tamb=-55°C
Tamb=150°C
BC857B;IC/IB= 20
-400
-1200
-200
-800
IC, (mA)
-600
-1000
0
BC857C;IC/IB= 20
Tam
b=-5
5°C
Tam
b=25
°C
Tam
b=15
0°C
Fig.12 - Base-Emitter saturation voltage
as a function of collector current;
typical values
Fig.11 - Collector-Emitter saturation voltage
as a function of collector current;
typical values.
Company reserves the right to improve product design , functions and reliability without notice.
IC, (mA)
BC857C;IC/IB= 20
Tamb=25°C
Tamb=-55°C
Tamb=150°C
-10
-1
-10
-1
-10
2
-10
3
-10
4
-10
3
-10
2
-10
-10
-1
-10
-2
-10
-1
-10
2
-10
3
-10
-1
-10
-1
-10
2
-10
3
-10
-1
-10
-1
-10
2
-10
3
-10
-1
-10
-1
-10
2
-10
3
-10
-1
-10
-1
-10
2
-10
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com