Electronic Components Datasheet Search
  English  ▼

X  

SP6682EU Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6682EU
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682EU Datasheet(HTML) 4 Page - Sipex Corporation

  SP6682EU Datasheet HTML 1Page - Sipex Corporation SP6682EU Datasheet HTML 2Page - Sipex Corporation SP6682EU Datasheet HTML 3Page - Sipex Corporation SP6682EU Datasheet HTML 4Page - Sipex Corporation SP6682EU Datasheet HTML 5Page - Sipex Corporation SP6682EU Datasheet HTML 6Page - Sipex Corporation SP6682EU Datasheet HTML 7Page - Sipex Corporation SP6682EU Datasheet HTML 8Page - Sipex Corporation SP6682EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date: 5/5/04
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© Copyright 2004 Sipex Corporation
PERFORMANCE CHARACTERISTICS
Refer to the typical application circuit, TAMB = 25°C, IO = 60mA unless otherwise specified.
EN/PWM
V
OUT
5V/DIV
1V/DIV
V
IN
V
OUT
50mV/DIV
50mV/DIV
0
10
20
30
40
50
60
70
80
90
2.7
3
3.3
3.6
3.9
4.2
Input Voltage(V)
0.26
0.27
0.28
0.29
0.3
0.31
0.32
0.33
0.34
2.7
3
3.3
3.6
3.9
4.2
V
IN (V)
V
OUT
50mV/DIV
50mV/DIV
V
IN
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2.7
3
3.3
3.6
3.9
4.2
V
IN (V)
Figure 1. Output voltage turn-on time
Figure 2. Power efficiency vs. input voltage
Figure 3. X2 mode voltage ripple when V
IN = 2.7V
Figure 4. Feedback pin voltage vs. input voltage
Figure 5. X1.5 mode voltage ripple when V
IN = 3.3V
Figure 6. Quiescent current vs. input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com