Electronic Components Datasheet Search
  English  ▼

X  

TAJS154035NJ Datasheet(PDF) 5 Page - AVX Corporation

Part # TAJS154035NJ
Description  General purpose SMT chip tantalum series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJS154035NJ Datasheet(HTML) 5 Page - AVX Corporation

  TAJS154035NJ Datasheet HTML 1Page - AVX Corporation TAJS154035NJ Datasheet HTML 2Page - AVX Corporation TAJS154035NJ Datasheet HTML 3Page - AVX Corporation TAJS154035NJ Datasheet HTML 4Page - AVX Corporation TAJS154035NJ Datasheet HTML 5Page - AVX Corporation TAJS154035NJ Datasheet HTML 6Page - AVX Corporation TAJS154035NJ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
40
■ MAY 2014
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJY686*010#NJ
Y
68
10
85
7
125
6.8
6
0.9
11)
373
335
149
TAJW107*010#NJ
W
100
10
85
7
125
10
6
0.4
1
474
427
190
TAJX107*010#NJ
X
100
10
85
7
125
10
8
0.9
11)
333
300
133
TAJY107*010#NJ
Y
100
10
85
7
125
10
6
0.9
11)
373
335
149
TAJF157*010#NJ
F
150
10
85
7
125
15
10
0.3
1
577
520
231
TAJX157M010#NJ
X
150
10
85
7
125
15
6
0.3
11)
577
520
231
TAJY157*010#NJ
Y
150
10
85
7
125
15
6
1.2
11)
323
290
129
TAJY227*010#NJ
Y
220
10
85
7
125
22
10
0.5
11)
500
450
200
16 Volt @ 85°C
TAJR684*016#NJ
R
0.68
16
85
10
125
0.5
4
25
1
47
42
19
TAJS684*016#NJ
S
0.68
16
85
10
125
0.5
4
25
1
51
46
20
TAJR105*016#NJ
R
1
16
85
10
125
0.5
4
20
1
52
47
21
TAJS105*016#NJ
S
1
16
85
10
125
0.5
4
15
1
66
59
26
TAJT105*016#NJ
T
1
16
85
10
125
0.5
4
5
1
126
114
51
TAJR155*016#NJ
R
1.5
16
85
10
125
0.5
6
10
1
74
67
30
TAJS155*016#NJ
S
1.5
16
85
10
125
0.5
6
12
1
74
66
29
TAJR225*016#NJ
R
2.2
16
85
10
125
0.5
6
6.5
1
92
83
37
TAJS225*016#NJ
S
2.2
16
85
10
125
0.5
6
6
1
104
94
42
TAJT225*016#NJ
T
2.2
16
85
10
125
0.5
6
6.5
1
111
100
44
TAJR335*016#NJ
R
3.3
16
85
10
125
0.5
8
5
1
105
94
42
TAJS335*016#NJ
S
3.3
16
85
10
125
0.5
6
5
1
114
103
46
TAJT335*016#NJ
T
3.3
16
85
10
125
0.5
6
5
1
126
114
51
TAJK475*016#NJ
K
4.7
16
85
10
125
0.8
6
3.1
1
139
125
56
TAJP475*016#NJ
P
4.7
16
85
10
125
0.8
8
5
1
110
99
44
TAJS475*016#NJ
S
4.7
16
85
10
125
0.8
8
4
1
127
115
51
TAJT475*016#NJ
T
4.7
16
85
10
125
0.8
6
3.1
1
161
145
64
TAJS685*016#NJ
S
6.8
16
85
10
125
1.1
8
2.4
1
165
148
66
TAJT685*016#NJ
T
6.8
16
85
10
125
1.1
6
3.5
1
151
136
60
TAJT106*016#NJ
T
10
16
85
10
125
1.6
8
2.2
1
191
172
76
TAJW106*016#NJ
W
10
16
85
10
125
1.6
6
2
1
212
191
85
TAJT156M016#NJ
T
15
16
85
10
125
2.4
6
2
1
200
180
80
TAJW156*016#NJ
W
15
16
85
10
125
2.4
6
0.7
1
359
323
143
TAJW226*016#NJ
W
22
16
85
10
125
3.5
6
1.6
1
237
213
95
TAJW336*016#NJ
W
33
16
85
10
125
5.3
6
1.5
1
245
220
98
TAJY336*016#NJ
Y
33
16
85
10
125
5.3
6
0.9
11)
373
335
149
TAJW476*016#NJ
W
47
16
85
10
125
7.5
6
0.4
1
474
427
190
TAJX476*016#NJ
X
47
16
85
10
125
7.5
6
0.75
11)
365
329
146
TAJY476*016#NJ
Y
47
16
85
10
125
7.5
6
0.7
11)
423
380
169
TAJF686*016#NJ
F
68
16
85
10
125
10.9
10
0.4
1
500
450
200
TAJX686*016#NJ
X
68
16
85
10
125
10.9
8
0.6
11)
408
367
163
TAJY686*016#NJ
Y
68
16
85
10
125
10.9
6
0.9
11)
373
335
149
TAJF107M016#NJ
F
100
16
85
10
125
16
10
0.4
1
500
450
200
TAJY107*016#NJ
Y
100
16
85
10
125
16
8
0.9
11)
373
335
149
TAJY157M016#NJ
Y
150
16
85
10
125
24
15
0.3
11)
645
581
258
20 Volt @ 85°C
TAJR104*020#NJ
R
0.1
20
85
13
125
0.5
4
25
1
47
42
19
TAJS104*020#NJ
S
0.1
20
85
13
125
0.5
4
25
1
51
46
20
TAJR154*020#NJ
R
0.15
20
85
13
125
0.5
4
25
1
47
42
19
TAJS154*020#NJ
S
0.15
20
85
13
125
0.5
4
25
1
51
46
20
TAJR224*020#NJ
R
0.22
20
85
13
125
0.5
4
25
1
47
42
19
TAJS224*020#NJ
S
0.22
20
85
13
125
0.5
4
25
1
51
46
20
TAJR334*020#NJ
R
0.33
20
85
13
125
0.5
4
25
1
47
42
19
TAJS334*020#NJ
S
0.33
20
85
13
125
0.5
4
25
1
51
46
20
TAJR474*020#NJ
R
0.47
20
85
13
125
0.5
4
25
1
47
42
19
TAJS474*020#NJ
S
0.47
20
85
13
125
0.5
4
25
1
51
46
20
TAJR684*020#NJ
R
0.68
20
85
13
125
0.5
4
20
1
52
47
21
TAJS684*020#NJ
S
0.68
20
85
13
125
0.5
4
25
1
51
46
20
TAJT684*020#NJ
T
0.68
20
85
13
125
0.5
4
15
1
73
66
29
TAJR105*020#NJ
R
1
20
85
13
125
0.5
4
20
1
52
47
21
TAJS105*020#NJ
S
1
20
85
13
125
0.5
4
12
1
74
66
29
TAJT105*020#NJ
T
1
20
85
13
125
0.5
4
9
1
94
85
38
TAJP155*020#NJ
P
1.5
20
85
13
125
0.5
6
9.6
1
79
71
32
TAJR155*020#NJ
R
1.5
20
85
13
125
0.5
6
9.6
1
76
68
30
TAJS155*020#NJ
S
1.5
20
85
13
125
0.5
6
5.4
1
110
99
44
TAJT155*020#NJ
T
1.5
20
85
13
125
0.5
6
6.5
1
111
100
44
TAJP225*020#NJ
P
2.2
20
85
13
125
0.5
6
8.3
1
85
77
34
TAJR225*020#NJ
R
2.2
20
85
13
125
0.5
6
6
1
96
86
38
TAJS225*020#NJ
S
2.2
20
85
13
125
0.5
6
4.5
1
120
108
48
TAJT225*020#NJ
T
2.2
20
85
13
125
0.5
6
6
1
115
104
46
TAJT335*020#NJ
T
3.3
20
85
13
125
0.7
6
3
1
163
147
65
TAJT475*020#NJ
T
4.7
20
85
13
125
0.9
6
3.1
1
161
145
64



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com