Electronic Components Datasheet Search
  English  ▼

X  

SP6690 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6690
Description  Micro Power Boost Regulator Series White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6690 Datasheet HTML 7Page - Sipex Corporation SP6690 Datasheet HTML 8Page - Sipex Corporation SP6690 Datasheet HTML 9Page - Sipex Corporation SP6690 Datasheet HTML 10Page - Sipex Corporation SP6690 Datasheet HTML 11Page - Sipex Corporation SP6690 Datasheet HTML 12Page - Sipex Corporation SP6690 Datasheet HTML 13Page - Sipex Corporation SP6690 Datasheet HTML 14Page - Sipex Corporation SP6690 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
Layout Consideration
Both the input capacitor and the output capacitor
should be placed as close as possible to the IC.
This can reduce the copper trace resistance
which directly effects the input and output
ripples. The feedback resistor network should
be kept close to the FB pin to minimize copper
trace connections that can inject noise into the
system. The ground connection for the feedback
resistor network should connect directly to the
GND pin or to an analog ground plane that is tied
directly to the GND pin. The inductor and the
schottky diode should be placed as close as
possible to the switch pin to minimize the noise
coupling to the other circuits, especially the
feedback network.
Power Efficiency
For the typical application circuit, the output
efficiency of the circuit is expressed by
η =
VOUT • IOUT
VIN • IIN
Where VIN , IIN, VOUT, IOUT are the input and
output voltage and current respectively.
While the white LED efficiency is expressed by
η =
(VOUT - 1.22) • IOUT
VIN • IIN
This equation indicates that the white LED
efficiency will be much smaller than the output
efficiency of the circuit when VOUT is not very
large, compared to the feedback voltage (1.22V).
The other power is consumed by the bias resis-
tor. To reduce this power loss, two circuits can
be used, as shown in Figure 23 and Figure 24. In
Figure 23, a general-purpose diode (for ex-
ample, 1N4148) is used to bring the voltage
across the bias resistor to be around 0.7V. R1 is
used to create a loop that provides around 100
µA
operating current for the diode. 3% efficiency
improvement can be achieved by using this
APPLICATION INFORMAMTION: Continued
method.
Figure 23. Improve Efficiency with Diode in Feedback
Loop
To further improve the efficiency and reduce the
effects of the ambient temperature on the diode
D1 used in method 1, an op amp circuit can be
used as shown in Figure 24. The gain of the op
amp circuit can be calculated by:
Av =
R1 + R2
R1
If the voltage across the bias resistor is set to be
0.1V the current through R1 and R2 to be around
100
µA, R1 and R2 can be selected as 1K and
11.2K respectively. LMV341 can be used be-
cause of its small supply current, offset voltage
and minimum supply voltage. By using this
method, the efficiency can be increased around
VIN
WLED MODULE
C1
4.7uF
Murata LQH32CN100K11
DS
MBR0530
D1
DIODE
34.8ohm
Rb
C2
2.2uF
R1
150Kohm
L1 10uH 0.45A
1.22V
2.7-4.2V
0.7V
U1
SP6690
1
2
3
4
5
SW
GND
FB
SHDN
V
IN
LMV341
1
3
4
+
-
OUT
2
6
0.1V
C2
2.2uF
2.7-4.2V
L1 10uH 0.45A
1.22V
Vbattery
U1
SP6690
1
2
3
4
5
S W
GND
FB
SHDN
V
IN
5
DS
MBR0530
R1
1K
WLED MODULE
C1
4.7uF
R2
11.2K
Vbattery
Murata LQH32CN100K11
Rb
5.1Ω
7%.
Figure 24. Improve Efficiency with Op Amp in Feedback
Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com