Electronic Components Datasheet Search
  English  ▼

X  

SP6690EK Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6690EK
Description  Micro Power Boost Regulator Series White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690EK Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6690EK Datasheet HTML 8Page - Sipex Corporation SP6690EK Datasheet HTML 9Page - Sipex Corporation SP6690EK Datasheet HTML 10Page - Sipex Corporation SP6690EK Datasheet HTML 11Page - Sipex Corporation SP6690EK Datasheet HTML 12Page - Sipex Corporation SP6690EK Datasheet HTML 13Page - Sipex Corporation SP6690EK Datasheet HTML 14Page - Sipex Corporation SP6690EK Datasheet HTML 15Page - Sipex Corporation SP6690EK Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
PACKAGE: 5 PIN TSOT
A
A2
A1
SIDE VIEW
L1
L
4X ø1
Ø1
Seating Plane
Gauge Plane
VIEW C
SEE VIEW C
H
B
B
SEATING PLANE
C
ø
-
-
1.10
0
-
0.10
Dimensions in (mm)
5 PIN TSOT
JEDEC MO-193
(AB) Variation
0.70
0.90
1.00
0.30
-
0.50
0.08
-
0.20
2.90 BSC
2.80 BSC
1.60 BSC
0.30
0.45
0.60
0.60 REF
0º
4º
8º
A
A1
A2
b
D
E
E1
L
L1
L2
Ø
4º
10º
12º
Ø1
MIN
NOM MAX
0.25 BSC
b1
0.30
0.40
0.45
c
c1
0.08
0.13
0.16
0.95 BSC
1.90 BSC
e
e1
L2
c
WITH PLATING
BASE METAL
b
c1
b1
D
E
E/2
e1
N/2
2
1
b
e
E1
E1/2
N
N/2
+1
INDEX AREA
(D/2 X E1/2)
Detais of the pin1 identifier are optional,
but must be located within the zone
indicated.
5 PIN TSOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com