Electronic Components Datasheet Search
  English  ▼

X  

SP6828 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6828
Description  3V Low Power Voltage Inverters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6828 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6828 Datasheet HTML 2Page - Sipex Corporation SP6828 Datasheet HTML 3Page - Sipex Corporation SP6828 Datasheet HTML 4Page - Sipex Corporation SP6828 Datasheet HTML 5Page - Sipex Corporation SP6828 Datasheet HTML 6Page - Sipex Corporation SP6828 Datasheet HTML 7Page - Sipex Corporation SP6828 Datasheet HTML 8Page - Sipex Corporation SP6828 Datasheet HTML 9Page - Sipex Corporation SP6828 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
SP6828DS/11
SP6828/6829 +3V Low Power Voltage Inverter
© Copyright 2000 Sipex Corporation
Figure 7. Output Current vs. Capacitance for the SP6828
Figure 8. Output Current vs. Capacitance for the SP6829
Figure 9. Output Voltage Ripple vs. Capacitance
for the SP6828
Figure 10. Output Voltage Ripple vs. Capacitance
for the SP6829
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +3.3V, C1 = C2 = C3 = 10µF for SP6828, C1 = C2 = C3 = 3.3µF for SP6829, and TAMB = 25
oC unless
otherwise noted. The SP6828/6829 devices use the circuit found in
Figure 19 when obtaining the following typical
performance characteristics (unless otherwise noted).
40
35
30
25
20
15
10
5
0
0
10
20
Capacitance (
µF)
30
40
VIN = 4.2V;
VOUT = -3.2V
VIN = 3.3V;
VOUT = -2.5V
VIN = 2V;
VOUT = -1.5V
600
500
400
300
200
100
0
0
10
20
Capacitance (
µF)
30
40
VIN = 4.2V;
VOUT = -3.2V
VIN = 3.3V;
VOUT = -2.5V
VIN = 2V;
VOUT = -1.5V
40
35
30
25
20
15
10
5
0
0
10
20
Capacitance (
µF)
30
40
VIN = 4.2V;
VOUT = -3.2V
VIN = 3.3V;
VOUT = -2.5V
VIN = 2V;
VOUT = -1.5V
300
250
200
150
100
50
0
0
10
20
Capacitance (
µF)
30
40
VIN = 2V;
VOUT = -1.5V
VIN = 3.3V;
VOUT = -2.5V
VIN = 4.2V;
VOUT = -3.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com