Electronic Components Datasheet Search
  English  ▼

X  

SP682CU Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP682CU
Description  Micro Power Inverting Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP682CU Datasheet(HTML) 5 Page - Sipex Corporation

  SP682CU Datasheet HTML 1Page - Sipex Corporation SP682CU Datasheet HTML 2Page - Sipex Corporation SP682CU Datasheet HTML 3Page - Sipex Corporation SP682CU Datasheet HTML 4Page - Sipex Corporation SP682CU Datasheet HTML 5Page - Sipex Corporation SP682CU Datasheet HTML 6Page - Sipex Corporation SP682CU Datasheet HTML 7Page - Sipex Corporation SP682CU Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Date: 5/20/04
SP682 Micro Power Inverting Charge Pump
© Copyright 2004 Sipex Corporation
PACKAGE: 8 PIN NSOIC
SEE VIEW C
Ø
Ø1
1.65
DIMENSIONS
Minimum/Maximum
(mm)
8 Pin NSOIC
(JEDEC MS-012,
AA - VARIATION)
COMMON HEIGHT DIMENSION
A
A1
A2
b
c
L
e
E1
E
L2
L1
1.35
4.90 BSC
0.40
0.31
0.51
SYMBOL
MIN NOM MAX
0.10
-
0.25
D
1.75
1.25
0.17
0.25
6.00 BSC
3.90 BSC
1.27 BSC
1.27
1.04 REF
0.25 BSC
0º
5º
8º
15º
-
-
-
-
-
-
-
A
A2
A1
SEATING PLANE
SIDE VIEW
L1
L
Ø
Ø1
Ø1
Seating Plane
Gauge Plane
L2
VIEW C
TOP VIEW
e
E
E/2
E1
A
INDEX AREA
(D/2 X E1/2)
E1/2
D
b
1
8 PIN NSOIC
PACKAGE:
c
WITH PLATING
BASE METAL
b
CONTACT AREA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com