Electronic Components Datasheet Search
  English  ▼

X  

M02140 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02140
Description  Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02140 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02140 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02140 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
02140-BRF-001-A M04-0935
© 2004 Mindspeed Technologies™. All rights reserved. Mindspeed and the Mindspeed
logo are trademarks of Mindspeed Technologies. All other trademarks are the prop-
erty of their respective owners. Although Mindspeed Technologies strives for accu-
racy in all its publications, this material may contain errors or omissions and is
subject to change without notice. This material is provided as is and without any
express or implied warranties, including merchantability, fitness for a particular
purpose and non-infringement.
Mindspeed Technologies shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
Applications
• STM-64/OC-192 SDH/SONET
• SDH/SONET with single or double FEC
• 10G Ethernet
• 10G Fiber Channel
• XFP
Product Features
RLOS establishes a threshold voltage at the LOSSET pin. The input
signal develops a voltage at the RSSI pin. This voltage is propor-
tional to the input signal peak-to-peak value. The voltage at LOSSET
is internally compared to the voltage at the RSSI (V(RSSI)) pin.
When the voltage at V(RSSI) is less than V(LOSSET), LOS is asserted
(ST de-asserted) and will stay asserted until the input signal level
increases by a predefined amount of hysteresis. When the input
level increases by more than this hysteresis, LOS is
de-asserted (ST asserted)
When asserted, the active high PWDN pin forces the outputs to a
high state. This ensures that no data is propagated through the
system. The loss of signal detection circuit can be used to auto-
matically force the data outputs to a high state when the input
signal falls below the threshold. The function is normally used to
allow data to propagate only when the signal is above the user's
bit-error-rate requirement. It therefore inhibits the data outputs
toggling due to noise when there is no signal present ("squelch").
In order to implement this function, LOS should be connected to
the PWDN pin, thus forcing the data outputs to
VCC when the signal falls below the threshold.
The M02140 contains an accurate on-chip bias circuit requiring an
external 12.1 k–
Ω 1% resistor, R
REF, from pin IREF to ground to
define an on-chip reference current.
The output circuit is basically a differential pair with a tail current
of ITAIL. The load of the differential pair is formed by the parallel
combination of ROUT and RLOAD for high frequencies where the
output AC-coupling capacitor can be considered as a short circuit
(50 || 50 = 25
Ω).
The required minimum voltage swing sets ITAIL which determines
the output power consumption. The minimum voltage swing
depends on the application. Therefore, M02140 provides the user
the flexibility to optimize the voltage swing and the output power
consumption in his own application by setting ITAIL using an external
resistor (RAMPSET).
VCCP
VCCD
AMPSET
Level
Detector
Amplitude
Control
DIN
50W
50W
50
50
DN
N
OUT
Comparator
Threshold
Setting
Circuit
Biasing
PWDN
IREF
LOS
LOSSET
RSSI
ST
DOUT
D
P
N
IN
Limiting
Amplifier
CML
Buffer
CMOS
Buffer
M02140 Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com