Electronic Components Datasheet Search
  English  ▼

X  

SP800L Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP800L
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP800L Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP800L Datasheet HTML 11Page - Sipex Corporation SP800L Datasheet HTML 12Page - Sipex Corporation SP800L Datasheet HTML 13Page - Sipex Corporation SP800L Datasheet HTML 14Page - Sipex Corporation SP800L Datasheet HTML 15Page - Sipex Corporation SP800L Datasheet HTML 16Page - Sipex Corporation SP800L Datasheet HTML 17Page - Sipex Corporation SP800L Datasheet HTML 18Page - Sipex Corporation SP800L Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
15
Input Supply Voltage
The Input Supply Voltage (VCC) should be a
regulated +5V source. VCC connects to VOUT
via a parallel diode and a large PMOS switch.
The switch carries the entire current load for
currents less than 250mA. The parallel diode
carries any current in excess of 250mA. Both
the switch and the diode have impedances
less than 1
Ω each. Refer to Figure 24. The
maximum continuous current is 250mA, but
power-on transients may reach a maximum of 1A.
Backup-Battery Input
The Backup-Battery Input (VBATT) is similar
to VCC, except the PMOS switch and parallel
diode are much smaller. Refer to Figure 24.
Accordingly, the on-resistances of the diode and
the switch are each approximately 10
Ω.
Table 2. Input and Output Status in Battery-Backup Mode; to enter the Battery-Backup Mode, V
CC must be less than the
reset threshold and less than V
BATT.
Figure 24. V
CC and VBATT to VOUT Switch
SW1
D1
D2
SW2
VBATT
VCC
VOUT
0.1µF
E
M
A
NS
U
T
A
T
SR
E
B
M
U
N
N
I
P
V
T
T
A
B
1
s
i
t
n
e
r
r
u
c
y
l
p
p
u
S
µ
V
n
e
h
w
m
u
m
i
x
a
m
A
C
C
V
(
<
T
T
A
B
.
)
V
2
.
1
-1
V
T
U
O
V
T
U
O
V
o
t
d
e
t
c
e
n
n
o
c
T
T
A
B
.
h
c
t
i
w
s
S
O
M
P
l
a
n
r
e
t
n
i
n
a
h
g
u
o
r
h
t2
V
C
C
V
s
r
o
t
i
n
o
m
r
o
t
a
r
a
p
m
o
c
r
e
v
o
h
c
t
i
w
s
y
r
e
t
t
a
B
C
C
V
.
r
e
v
o
h
c
t
i
w
s
e
v
i
t
c
a
r
o
f
C
C
s
i
V
m
o
r
f
d
e
t
c
e
n
n
o
c
s
i
d
T
U
O
.
3
D
N
G.
s
l
a
n
g
i
s
ll
a
r
o
f
e
c
n
e
r
e
f
e
r
V
0
4
N
O
T
T
A
BV
o
t
l
a
u
q
e
s
i
e
g
a
t
l
o
v
t
u
p
t
u
o
t
i
u
c
r
i
c
-
n
e
p
o
e
h
T
.
H
G
I
H
c
i
g
o
L
T
U
O
.5
E
N
I
L
W
O
L.
W
O
L
c
i
g
o
L
6
C
S
O
N
I
C
S
O
N
I
.
Z
-
h
g
i
h
t
a
s
i
d
n
a
d
e
r
o
n
g
i
s
i
7
C
S
O
L
E
S
C
S
O
L
E
S
.
Z
-
h
g
i
h
t
a
s
i
d
n
a
d
e
r
o
n
g
i
s
i
8
I
F
P.
d
e
l
b
a
s
i
d
s
i
r
o
t
a
r
a
p
m
o
c
li
a
f
-
r
e
w
o
p
e
h
T
9
O
F
P
.
W
O
L
c
i
g
o
l
o
t
d
e
c
r
o
f
s
i
O
F
P
.
d
e
l
b
a
s
i
d
s
i
r
o
t
a
r
a
p
m
o
c
li
a
f
-
r
e
w
o
p
e
h
T
0
1
I
D
W.
Z
-
h
g
i
h
t
a
s
i
d
n
a
d
e
r
o
n
g
i
s
i
I
D
W
1
1
E
C
T
U
O
V
o
t
l
a
u
q
e
s
i
e
g
a
t
l
o
v
t
u
p
t
u
o
t
i
u
c
r
i
c
-
n
e
p
o
e
h
T
.
H
G
I
H
c
i
g
o
L
T
U
O
.2
1
E
C
N
I
.
Z
-
h
g
i
H
3
1
O
D
WV
o
t
l
a
u
q
e
s
i
e
g
a
t
l
o
v
t
u
p
t
u
o
t
i
u
c
r
i
c
-
n
e
p
o
e
h
T
.
H
G
I
H
c
i
g
o
L
T
U
O
.4
1
T
E
S
E
R.
W
O
L
c
i
g
o
L
5
1
T
E
S
E
R.
Z
-
h
g
i
H
6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com