Electronic Components Datasheet Search
  English  ▼

X  

LM3485 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3485
Description  Hysteretic PFET Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3485 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3485 Datasheet HTML 7Page - Texas Instruments LM3485 Datasheet HTML 8Page - Texas Instruments LM3485 Datasheet HTML 9Page - Texas Instruments LM3485 Datasheet HTML 10Page - Texas Instruments LM3485 Datasheet HTML 11Page - Texas Instruments LM3485 Datasheet HTML 12Page - Texas Instruments LM3485 Datasheet HTML 13Page - Texas Instruments LM3485 Datasheet HTML 14Page - Texas Instruments LM3485 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
OUT
IN
OUT
IN
HYST
IN
V
(V
V
) ESR
F
V
(V
L) (V
delay ESR)
-
´
=
´
´ a ´
+
´
´
LM3485
www.ti.com
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
Feature Description (continued)
The LM3485 operates in discontinuous conduction mode at light load current or continuous conduction mode at
heavy load current. In discontinuous conduction mode, current through the inductor starts at zero and ramps up
to the peak, then ramps down to zero. Next cycle starts when the FB voltage reaches the internal voltage. Until
then, the inductor current remains zero. Operating frequency is lower and switching losses reduce. In continuous
conduction mode, current always flows through the inductor and never ramps down to zero.
The output voltage (VOUT) can be programmed by two external resistors. It can be calculated as Equation 1:
VOUT = 1.242 × ( R1 + R2 ) / R2
(1)
Figure 22. Hysteretic Window
The minimum output voltage ripple (VOUT_PP) can be calculated in the same way.
VOUT_PP = VHYST ( R1 + R2 ) / R2
(2)
For example, with VOUT set to 3.3 V, VOUT_PP is 26.6 mV
VOUT_PP = 0.01 × ( 33K + 20K ) / 20K = 0.0266 V
(3)
Operating frequency (F) is determined by knowing the input voltage, output voltage, inductor, VHYST, equivalent
series resistance (ESR) of output capacitor, and the delay. It can be approximately calculated using Equation 4:
where
•
( R1 + R2 ) / R2
•
delay: It includes the LM3485 propagation delay time and the PFET delay time
(4)
The propagation delay is 90-ns typically (see Figure 23).
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com