Electronic Components Datasheet Search
  English  ▼

X  

SP791EN Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP791EN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791EN Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP791EN Datasheet HTML 5Page - Sipex Corporation SP791EN Datasheet HTML 6Page - Sipex Corporation SP791EN Datasheet HTML 7Page - Sipex Corporation SP791EN Datasheet HTML 8Page - Sipex Corporation SP791EN Datasheet HTML 9Page - Sipex Corporation SP791EN Datasheet HTML 10Page - Sipex Corporation SP791EN Datasheet HTML 11Page - Sipex Corporation SP791EN Datasheet HTML 12Page - Sipex Corporation SP791EN Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
MR low for a minimum of 25
µs resets all the
internal counters, sets the Watchdog Output
(WDO) and Watchdog-Pulse Output (WDPO)
high, and sets the Set Watchdog-Timeout (SWT)
input to VOUT if it is not already connected to
VOUT (for Internal timeouts). It also, disables
the Chip-Enable Output (CE OUT) forcing it to
a high state. The RESET output remains at a
logic low as long as MR is held low, and the
reset-timeout period begins after MR returns
high, Figure 2.
Use this input as either a digital-logic input or a
second low-line comparator. Normal TTL/
CMOS levels can be wire-OR connected via
pull-down diodes, Figure 3, and open-drain/col-
lector outputs can be wire-ORed directly.
RESET OUTPUT
The SP791's RESET output ensures that the
µP
powers up in a known state, and prevents code-
execution errors during power-down or brown-
out conditions.
The RESET output is active low, and typically
sinks 3.2mA at 0.1V saturation voltage in its
active state. When deasserted, RESET sources
1.6mA at VOUT – 0.5V. When no backup bat-
tery is used, RESET output is valid down to VCC
= 1V, and an external 10k
Ω pull-down resistor
on RESET ensures that RESET will be valid
with VCC down to GND as shown on Figure 4.
As VCC goes below 1V, the gate drive to the
RESET output switch reduces accordingly,
increasing the r
DS(ON) and the saturation volt-
age. The 10k
Ω pull-down resistor ensures the
parallel combination of switch and external
resistor is 10k
Ω and the output saturation volt-
age is below 0.4V, while sinking 40
µA. When
using a 10k
Ω external pull-down resistor, the
high state for the RESET output with Vcc =
4.75V is 4.5V typical. For battery voltages
greater than or equal to 2V, RESET remains
valid for VCC between 0V and 5.5V. RESET will
be asserted during the following conditions:
1) VCC < 4.65V (typ)
2) MR < 1.25V (typ)
3) RESET = logic "0" ; for 200 ms (typ) after
Vcc rises above 4.65V or after MR has exceeded
1.25V.
The SP791 battery-switchover comparator does
not affect RESET assertion.
Figure 5. WDI, WDO and WDPO Timing
Diagram (VCC mode).
Figure 4. Adding an external pull-down resistor ensures
RESET is valid with VCC down to GND.
Figure 6. Two consecutive watchdog faults latch the system in reset.
TO
µP RESET
10k
15
Corporation
RESET
1.6sec
100ns MIN
WDI
WDPO
WDO
70ns
Corporation
Vcc
VBATT
VOUT
RESET
WDI
LOWLINE
WDPO
WDO
GND
MR
3.6V
1
3
2
15
11
10
16
14
9
4.7k
Ω
*1
µF
+5V
REACTIVATE
4
CLOCK
D
SET
Vcc
CD4013
RESET
Vss
Q
Q
2
1
14
3
6
5
4
7
1/6 74HC04
TWO
CONSECUTIVE
WATCHDOG
FAULT
INDICATIONS
µP POWER
µP
RESET
I/O
NMI
INTERRUPT
0.1
µF
+5V
∗ SETS Q HIGH ON POWER-UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com