Electronic Components Datasheet Search
  English  ▼

X  

SP8026 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP8026
Description  200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8026 Datasheet(HTML) 8 Page - Sipex Corporation

  SP8026 Datasheet HTML 1Page - Sipex Corporation SP8026 Datasheet HTML 2Page - Sipex Corporation SP8026 Datasheet HTML 3Page - Sipex Corporation SP8026 Datasheet HTML 4Page - Sipex Corporation SP8026 Datasheet HTML 5Page - Sipex Corporation SP8026 Datasheet HTML 6Page - Sipex Corporation SP8026 Datasheet HTML 7Page - Sipex Corporation SP8026 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Rev. 6/02/03
SP8024, 25, 26 200V/µs Integrated APC Amplifier
© Copyright 2003 Sipex Corporation
ORDERING INFORMATION
Part Number
Temperature Range
Package Type
SP8024 ................................................... -20°C to +85°C .............. 8 lead COB (3.0mm x 3.5mm)
SP8025 ................................................... -20°C to +85°C .............. 8 lead COB (3.0mm x 3.5mm)
SP8026 ................................................... -20°C to +85°C .............. 8 lead COB (3.0mm x 3.5mm)
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com