Electronic Components Datasheet Search
  English  ▼

X  

SP805LEN Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP805LEN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP805LEN Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP805LEN Datasheet HTML 3Page - Sipex Corporation SP805LEN Datasheet HTML 4Page - Sipex Corporation SP805LEN Datasheet HTML 5Page - Sipex Corporation SP805LEN Datasheet HTML 6Page - Sipex Corporation SP805LEN Datasheet HTML 7Page - Sipex Corporation SP805LEN Datasheet HTML 8Page - Sipex Corporation SP805LEN Datasheet HTML 9Page - Sipex Corporation SP805LEN Datasheet HTML 10Page - Sipex Corporation SP805LEN Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SP690A/692ADS/08
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
7
Figure 5A. SP690A RESET Response Time
Figure 5B. Circuit for the SP690A/802L RESET
Response Time
GND
RESET
VCC
30pF
VCC
10K
Ω
TA = +25 C
Figure 6A. SP805L RESET Response Time
Figure 6B. Circuit for the SP805 RESET
Response Time
GND
RESET
VCC
330pF
VCC
10K
Ω
VBATT
Figure 7B. Circuit for the Power-Fail Comparator
Response Time (FALL)
Figure 7A. Power-Fail Comparator Response Time (FALL)
30pF
1K
Ω
PFO
+1.25V
+5V
PFI
VCC = +5V
TA = +25 C
RESET
VCC
+4V
+5V
+5V
0V
RESET
VCC
0V
+5V
+4V
+4V
+1.3V
+1.2V
PFI
VCC = 5V
VBATT = 0V
PFO
0V
5V
2
µs/div
2
µs/div
500ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com