Electronic Components Datasheet Search
  English  ▼

X  

STW8C2PB Datasheet(PDF) 16 Page - Seoul Semiconductor

Part # STW8C2PB
Description  Achieving the best system cost in Mid/High Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2PB Datasheet(HTML) 16 Page - Seoul Semiconductor

Back Button STW8C2PB Datasheet HTML 12Page - Seoul Semiconductor STW8C2PB Datasheet HTML 13Page - Seoul Semiconductor STW8C2PB Datasheet HTML 14Page - Seoul Semiconductor STW8C2PB Datasheet HTML 15Page - Seoul Semiconductor STW8C2PB Datasheet HTML 16Page - Seoul Semiconductor STW8C2PB Datasheet HTML 17Page - Seoul Semiconductor STW8C2PB Datasheet HTML 18Page - Seoul Semiconductor STW8C2PB Datasheet HTML 19Page - Seoul Semiconductor STW8C2PB Datasheet HTML 20Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8C2PB
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
16
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Mar 22, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
D11
D21
D31
D41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3548
0.3736
0.3595
0.3770
0.3641
0.3804
0.3689
0.3839
0.3539
0.3668
0.3584
0.3701
0.3628
0.3733
0.3674
0.3767
0.3584
0.3701
0.3628
0.3733
0.3674
0.3767
0.3720
0.3800
0.3595
0.3770
0.3641
0.3804
0.3689
0.3839
0.3736
0.3874
D12
D22
D32
D42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3539
0.3668
0.3584
0.3701
0.3628
0.3733
0.3674
0.3767
0.3530
0.3601
0.3573
0.3632
0.3616
0.3663
0.3659
0.3694
0.3573
0.3632
0.3616
0.3663
0.3659
0.3694
0.3703
0.3726
0.3584
0.3701
0.3628
0.3733
0.3674
0.3767
0.3720
0.3800
D13
D23
D33
D43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3530
0.3601
0.3573
0.3632
0.3616
0.3663
0.3659
0.3694
0.3520
0.3533
0.3562
0.3562
0.3603
0.3592
0.3645
0.3622
0.3562
0.3562
0.3603
0.3592
0.3645
0.3622
0.3687
0.3652
0.3573
0.3632
0.3616
0.3663
0.3659
0.3694
0.3703
0.3726
D14
D24
D34
D44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3520
0.3533
0.3562
0.3562
0.3603
0.3592
0.3645
0.3622
0.3511
0.3465
0.3551
0.3493
0.3590
0.3521
0.3630
0.3550
0.3551
0.3493
0.3590
0.3521
0.3630
0.3550
0.3670
0.3578
0.3562
0.3562
0.3603
0.3592
0.3645
0.3622
0.3687
0.3652
0.350
0.355
0.360
0.365
0.370
0.375
0.34
0.35
0.36
0.37
0.38
0.39
D44
D43
4200K
4500K
4700K
D41
D31
D21
D11
CIE X
D32
D42
D22
D12
D33
D23
D13
D34
D24
D14
CIE Chromaticity Diagram (Neutral white), T
j=25℃, IF=200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com