Electronic Components Datasheet Search
  English  ▼

X  

TCK321G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCK321G
Description  36 V, Dual Inputs ??Single Output Power Multiplexer IC with Over Voltage Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK321G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCK321G Datasheet HTML 1Page - Toshiba Semiconductor TCK321G Datasheet HTML 2Page - Toshiba Semiconductor TCK321G Datasheet HTML 3Page - Toshiba Semiconductor TCK321G Datasheet HTML 4Page - Toshiba Semiconductor TCK321G Datasheet HTML 5Page - Toshiba Semiconductor TCK321G Datasheet HTML 6Page - Toshiba Semiconductor TCK321G Datasheet HTML 7Page - Toshiba Semiconductor TCK321G Datasheet HTML 8Page - Toshiba Semiconductor TCK321G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TCK321G, TCK322G
2015-10-20
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCK321G, TCK322G
36 V, Dual Inputs – Single Output Power Multiplexer IC
with Over Voltage Protection
The TCK321G and TCK322G are 36 V high input voltage Dual
Inputs-Single Output multiplexer load switch ICs. It has Over Voltage
Protection featuring low switch ON resistance, high output current
and wide input voltage operation. Switch ON resistance is only 98
m
Ω at 4.5 V, - 1.0 A load conditions. And these feature a slew rate
control driver, thermal shutdown and flag function. Also it can block
reverse current if switch turned off. Output current is available up to
2.0 A per channel. Thus this is suitable for power management
selector such as Battery Charge application.
This device is available in 0.5 mm pitch small package WCSP16C
(1.9 mm x 1.9 mm, t: 0.5 mm (typ.)).Thus this devices is ideal for
portable applications that require high-density board assembly such
as mobile phone.
Feature
• High output current: IOUT (DC) = 2 A, per channel
• Low ON resistance : RON = 98 m
Ω (typ.) at VIN = 4.5 V, - 1.0 A, per channel
• Wide input voltage operation: VIN = 2.3 to 36 V
• Over Voltage Lockout : 12.0 V, 15.0 V (typ.)
• Under Voltage Lockout: 2.9 V (typ.)
• Reverse current blocking per channel(SW OFF state)
• Inrush current reducing circuit.
• Auto selection mode
• Manual selection mode
• Break Before Make switch
• Thermal Shutdown function
• Small package: 0.5 mm pitch WCSP16C (1.9 mm x 1.9 mm, t: 0.5 mm (typ.)), PD = 1.65 W
Top marking
WCSP16C
Weight : 3.9 mg ( typ.)
Index
321: TCK321G
322: TCK322G
Start of commercial production
2015-10


Similar Part No. - TCK321G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK301G TOSHIBA-TCK301G Datasheet
399Kb / 11P
28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK302G TOSHIBA-TCK302G Datasheet
399Kb / 11P
28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK303G TOSHIBA-TCK303G Datasheet
399Kb / 11P
28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK304G TOSHIBA-TCK304G Datasheet
344Kb / 11P
28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK305G TOSHIBA-TCK305G Datasheet
344Kb / 11P
28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
More results

Similar Description - TCK321G

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9718 RICHTEK-RT9718 Datasheet
222Kb / 10P
Over Voltage Protection IC
logo
Toshiba Semiconductor
TCK301G TOSHIBA-TCK301G Datasheet
399Kb / 11P
28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK304G TOSHIBA-TCK304G Datasheet
344Kb / 11P
28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
TCK305G TOSHIBA-TCK305G Datasheet
344Kb / 11P
28 V, Single input ??Single Output Load Switch IC with Over Voltage Protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
Output Over-Voltage Protection Over Temperature Protection
logo
Kinetic Technologies.
KTS1668 KINETIC-KTS1668 Datasheet
494Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
July 2021 - Revision 03a
KTS1681 KINETIC-KTS1681 Datasheet
461Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04d
KTS1681A KINETIC-KTS1681A Datasheet
479Kb / 13P
4 Amp Over-Voltage Protection IC with Sense Output
December 2018 - Revision 04d
KTS1682 KINETIC-KTS1682 Datasheet
436Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04c Page
logo
Silicon Mitus, Inc.
SM5336 SILICONMITUS-SM5336 Datasheet
272Kb / 3P
Over-Voltage Protection IC with Smart Thermal Protection
May 2021 - Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com