Electronic Components Datasheet Search
  English  ▼

X  

TLP104 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP104
Description  IPM (Intelligent Power Module)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP104 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP104 Datasheet HTML 1Page - Toshiba Semiconductor TLP104 Datasheet HTML 2Page - Toshiba Semiconductor TLP104 Datasheet HTML 3Page - Toshiba Semiconductor TLP104 Datasheet HTML 4Page - Toshiba Semiconductor TLP104 Datasheet HTML 5Page - Toshiba Semiconductor TLP104 Datasheet HTML 6Page - Toshiba Semiconductor TLP104 Datasheet HTML 7Page - Toshiba Semiconductor TLP104 Datasheet HTML 8Page - Toshiba Semiconductor TLP104 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLP104
2015-10-16
1
TOSHIBA PHOTOCOUPLER GaA
ℓAs LED & PHOTO-IC
TLP104
IPM (Intelligent Power Module)
Industrial Inverter
Operate at high ambient temperatures up to 125°C
The Toshiba TLP104 consists of GaA
ℓAs infrared light emitting diodes and
integrated high gain, high-speed photodetectors. The TLP104 is housed in
the SO6 package. The output stage is an open collector type.
The photodetector has an internal Faraday shield that provides a
guaranteed common-mode transient immunity of ±15 kV/
μs. TLP104
guarantees minimum and maximum of propagation delay time, switching
speed dispersion, and high common mode transient immunity. Therefore
TLP104 is suitable for isolation interface between IPM (Intelligent Power
Module) in motor control application.
Inverter logic type (Open collector output)
Package type:
SO6
Guaranteed performance over temperature:
-40 to 125°C
Power supply voltage: -0.5 to 30 V
Threshold Input Current:
IFHL = 5.0 mA (max)
Propagation delay time (tpHL/tpLH):
tpHL = 400ns (max)
tpLH = 550ns (max)
Switching Time Dispersion(|tpHL-tpLH|):
400ns (max)
Common mode transient immunity
:
±15kV/
μs (min)
Isolation voltage
:
3750Vrms (min)
UL approved : UL1577, File No.E67349
c-UL approved :CSA Component Acceptance Service
No. 5A, File No.E67349
Option (V4) VDE
approved : DIN EN60747-5-5 (Note)
CQC-approved: GB4943.1, GB8898 Thailand Factory
Note : When a EN60747-5-5 approved type is needed,
Please designate “Option(V4)”
Truth Table
Input
LED
Output
H
ON
L
L
OFF
H
JEDEC
―
JEITA
―
TOSHIBA
11-4L1
Weight: 0.08 g(typ.)
Unit: mm
1:ANODE
3:CATHODE
4:GND
5:VO(Output)
6:VCC
VCC
GND
SHIELD
1
3
4
5
6
Pin Configuration (Top View)
VCC
GND
ICC
6
4
SHIELD
3 -
1+
IF
IO
IO
VO
5
Schematic
Construction Mechanical Ratings
Creepage distance
5.0 mm (min)
Clearance distance
5.0 mm (min)
Insulation thickness
0.4 mm (min)
Start of commercial production
2009-10


Similar Part No. - TLP104

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
10-Dec-1997
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
420Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
10-Dec-1997
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
PHOTOINTERRUPTER
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
INFRARED LED PHOTO IC
More results

Similar Description - TLP104

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK554U392A-E ONSEMI-STK554U392A-E Datasheet
349Kb / 15P
Intelligent Power Module (IPM)
December 2016 - Rev. 2
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
Intelligent Power Module (IPM)
June, 2019 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com