Electronic Components Datasheet Search
  English  ▼

X  

TLP2355 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2355
Description  Photocouplers GaA - As Infrared LED and Photo IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2355 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2355 Datasheet HTML 1Page - Toshiba Semiconductor TLP2355 Datasheet HTML 2Page - Toshiba Semiconductor TLP2355 Datasheet HTML 3Page - Toshiba Semiconductor TLP2355 Datasheet HTML 4Page - Toshiba Semiconductor TLP2355 Datasheet HTML 5Page - Toshiba Semiconductor TLP2355 Datasheet HTML 6Page - Toshiba Semiconductor TLP2355 Datasheet HTML 7Page - Toshiba Semiconductor TLP2355 Datasheet HTML 8Page - Toshiba Semiconductor TLP2355 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLP2355
3
7.
7.
7.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Peak transient input forward
current
Peak transient input forward
current derating
Input power dissipation
Input power dissipation
derating
Input reverse voltage
Output current
Output current
Output voltage
Output power dissipation
Output power dissipation
derating
Supply voltage
Operating temperature
Storage temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 116 )
(Ta ≥ 110 )
(Ta ≥ 110 )
(Ta ≤ 25 )
(Ta = 125 )
(Ta ≤ 25 )
(Ta ≥ 25 )
(10 s)
AC, 60 s, R.H. ≤ 60 %
Symbol
IF
∆IF/∆Ta
IFPT
∆IFPT/∆Ta
PD
∆PD/∆Ta
VR
IO
IO
VO
PO
∆PO/∆Ta
VCC
Topr
Tstg
Tsol
BVS
Note
(Note 1)
(Note 2)
Rating
20
-0.6
1
-25
40
-1.0
5
25/-15
5/-5
-0.5 to 20
75
-0.6
-0.5 to 20
-40 to 125
-55 to 125
260
3750
Unit
mA
mA/
A
mA/
mW
mW/
V
mA
V
mW
mW/
V
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width (PW) ≤ 1 µs, 300 pps
Note 2: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4, 5 and 6 are
shorted together.
8.
8.
8.
8. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Input on-state current
Input off-state voltage
Supply voltage
Operating temperature
Symbol
IF(ON)
VF(OFF)
VCC
Topr
Note
(Note 1)
(Note 2)
(Note 2)
Min
2
0
3
-40
Typ.
Max
10
0.8
20
125
Unit
mA
V
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note:
A ceramic capacitor (0.1 µF) should be connected between pin 6 and pin 4 to stabilize the operation of a high-
gain linear amplifier. Otherwise, this photocoupler may not switch properly. The bypass capacitor should be
placed within 1 cm of each pin.
Note 1: The rise and fall times of the input on-current should be less than 0.5 µs.
Note 2: Denotes the operating range, not the recommended operating condition.
2016-01-05
Rev.5.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com