Electronic Components Datasheet Search
  English  ▼

X  

SP804SEP Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP804SEP
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP804SEP Datasheet(HTML) 1 Page - Sipex Corporation

  SP804SEP Datasheet HTML 1Page - Sipex Corporation SP804SEP Datasheet HTML 2Page - Sipex Corporation SP804SEP Datasheet HTML 3Page - Sipex Corporation SP804SEP Datasheet HTML 4Page - Sipex Corporation SP804SEP Datasheet HTML 5Page - Sipex Corporation SP804SEP Datasheet HTML 6Page - Sipex Corporation SP804SEP Datasheet HTML 7Page - Sipex Corporation SP804SEP Datasheet HTML 8Page - Sipex Corporation SP804SEP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
SP690T/S/R, SP802T/S/R,
SP804T/S/R, and SP805T/S/R
3.0V/3.3V Low Power Microprocessor
Supervisory with Battery Switch-Over
The SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices are a family of
microprocessor (
µP) supervisory circuits that integrate a myriad of components involved in
discrete solutions to monitor power-supply and battery-control functions in
µP and digital
systems. The series will significantly improve system reliability and operational efficiency
when compared to discrete solutions. The features of the SP690T/S/R, SP802T/S/R,
SP804T/S/R and SP805T/S/R devices include a watchdog timer, a
µP reset and backup-
battery switchover, and power-failure warning; a complete
µP monitoring and watchdog
solution. The series is ideal for 3.0V or 3.3V applications in portable electronics, computers,
controllers, and intelligent instruments and is a solid match for designs where it is critical to
monitor the power supply to the
µP and it’s related digital components. Refer to Sipex's
SP690A/692A/802L/802M/805L/805M series for similar devices designed for +5V systems.
s RESET and RESET Outputs
s Reset asserted down to V
CC = 1V
s Reset Time Delay - 200ms
s Watchdog Timer - 1.6 sec timeout
s 40
µA Maximum V
CC Supply Current
s 1
µA Maximum Battery Supply Current
s Power Switching
50mA Output in V
CC Mode (1.5Ω)
10mA Output in Battery Mode (15
Ω)
s Battery Can Exceed V
CC in Normal Operation
s Precision Voltage Monitor for Power-Fail
or Low-Battery Warning
s Available in 8 pin SO and DIP packages
s Pin Compatible Upgrades to
MAX690T/S/R, MAX802T/S/R,
MAX804T/S/R, MAX805T/S/R
DESCRIPTION
r
e
b
m
u
N
t
r
a
P
T
E
S
E
R
e
v
i
t
c
Ae
v
i
t
c
A
e
v
i
t
c
A
e
v
i
t
c
Ae
v
i
t
c
A
T
E
S
E
R
d
l
o
h
s
e
r
h
Td
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
Td
l
o
h
s
e
r
h
T
T
E
S
E
R
y
c
a
r
u
c
c
Ay
c
a
r
u
c
c
A
y
c
a
r
u
c
c
A
y
c
a
r
u
c
c
Ay
c
a
r
u
c
c
A
I
F
P
y
c
a
r
u
c
c
Ay
c
a
r
u
c
c
A
y
c
a
r
u
c
c
A
y
c
a
r
u
c
c
Ay
c
a
r
u
c
c
A
g
o
d
h
c
t
a
W
t
u
p
n
It
u
p
n
I
t
u
p
n
I
t
u
p
n
It
u
p
n
I
y
r
e
t
t
a
B
-
p
u
k
c
a
B
h
c
t
i
w
Sh
c
t
i
w
S
h
c
t
i
w
S
h
c
t
i
w
Sh
c
t
i
w
S
T
5
0
8
/
T
0
9
6
P
SH
G
I
H
/
W
O
LV
5
7
0
.
3V
m
5
7
±%
4
±S
E
YS
E
Y
T
4
0
8
/
T
2
0
8
P
SH
G
I
H
/
W
O
LV
5
7
0
.
3V
m
0
6
±%
2
±S
E
YS
E
Y
S
5
0
8
/
S
0
9
6
P
SH
G
I
H
/
W
O
LV
5
2
9
.
2V
m
5
7
±%
4
±S
E
YS
E
Y
S
4
0
8
/
S
2
0
8
P
SH
G
I
H
/
W
O
LV
5
2
9
.
2V
m
0
6
±%
2
±S
E
YS
E
Y
R
5
0
8
/
R
0
9
6
P
SH
G
I
H
/
W
O
LV
5
2
6
.
2V
m
5
7
±%
4
±S
E
YS
E
Y
R
4
0
8
/
R
2
0
8
P
SH
G
I
H
/
W
O
LV
5
2
6
.
2V
m
0
6
±%
2
±S
E
YS
E
Y
®


Similar Part No. - SP804SEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP804SEP SIPEX-SP804SEP Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP804SEP SIPEX-SP804SEP Datasheet
216Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP804SEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T_06 Datasheet
216Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690SEN-L SIPEX-SP690SEN-L Datasheet
223Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com